전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP47DA1 데이터시트(PDF) 26 Page - Microchip Technology

부품명 MCP47DA1
상세설명  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 데이터시트(HTML) 26 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 22Page - Microchip Technology MCP47DA1 Datasheet HTML 23Page - Microchip Technology MCP47DA1 Datasheet HTML 24Page - Microchip Technology MCP47DA1 Datasheet HTML 25Page - Microchip Technology MCP47DA1 Datasheet HTML 26Page - Microchip Technology MCP47DA1 Datasheet HTML 27Page - Microchip Technology MCP47DA1 Datasheet HTML 28Page - Microchip Technology MCP47DA1 Datasheet HTML 29Page - Microchip Technology MCP47DA1 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
MCP47DA1
DS25118D-page 26
 2012-2013 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = VREF = 5V, VSS = 0V, RL = 5 k, CL = 1 nF.
FIGURE 2-90:
Zero-Scale to Full-Scale
Settling Time (20h to 60h),
VDD = 5.0V, VREF = 5.0V, RL = 5k, CL = 1nF.
FIGURE 2-91:
Full-Scale to Zero-Scale
Settling Time (60h to 20h),
VDD = 5.0V, VREF = 5.0V, RL = 5k, CL = 1nF.
FIGURE 2-92:
Half-Scale Settling Time
(30h to 50h),
VDD = 5.0V, VREF = 5.0V, RL = 5k, CL = 1nF.
FIGURE 2-93:
Half-Scale Settling Time
(50h to 30h),
VDD = 5.0V, VREF = 5.0V, RL = 5k, CL = 1nF.
FIGURE 2-94:
Digital Feedthrough (SCL
signal coupling to VOUT pin); VOUT = 40h,
FSCL = 100kHz, VDD = 5.0V, VREF = 5.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com