전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP47DA1 데이터시트(PDF) 40 Page - Microchip Technology

부품명 MCP47DA1
상세설명  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 데이터시트(HTML) 40 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 36Page - Microchip Technology MCP47DA1 Datasheet HTML 37Page - Microchip Technology MCP47DA1 Datasheet HTML 38Page - Microchip Technology MCP47DA1 Datasheet HTML 39Page - Microchip Technology MCP47DA1 Datasheet HTML 40Page - Microchip Technology MCP47DA1 Datasheet HTML 41Page - Microchip Technology MCP47DA1 Datasheet HTML 42Page - Microchip Technology MCP47DA1 Datasheet HTML 43Page - Microchip Technology MCP47DA1 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
MCP47DA1
DS25118D-page 40
 2012-2013 Microchip Technology Inc.
FIGURE 5-14:
I2C Read Command Format.
FIGURE 5-15:
I2C Read Communication Behavior.
Stop bit
Slave Address Byte
Command Code
1
01 0
S
11 0 0
0
A
00 0 A
Slave Address Byte
Data Byte
AD3
0 D6 D5 D4
D2 D1 D0 A(2) P
Read/Write bit (0 = Write)
00
0 0
11
0 1
01
0 1
S = Start Condition
P = Stop Condition
A = Acknowledge
X = Don’t Care
R/W = Read/Write bit
D6:D0 = Data bits
Legend
S
Read/Write bit (1 = Read)
Note 1: Master device is responsible for ACK/NACK signal. If a NACK signal occurs, the MCP47DA1 will abort
this transfer and release the bus.
2: The Master device will Not ACK, and the MCP47DA1 will release the bus so the master device can
generate a Stop or Repeated Start condition.
Read 1 Byte with Command Code = 00h
Read 2 Byte with Command Code = 00h
SSlave Address
R
/
W
A
C
K Command Code
A
C
K
R
SSlave Address
R
/
W
A
C
K
Master
S 01 011 100 100 000 0001 S 010 111 011
MCP47DA1
00
0
I2C™ Bus
S 01 011 100 000 000 0000 S 010 111 010
Data Byte
A
C
KP
Master
1 P
MCP47DA1
0 d ddd ddd 1
I2C Bus
0 d ddd ddd 1 P
SSlave Address
R
/
W
A
C
K Command Code
A
C
K
R
SSlave Address
R
/
W
A
C
K
Master
S 01 011 100 100 000 0001 S 010 111 011
MCP47DA1
00
0
I2C Bus
S 01 011 100 000 000 0000 S 010 111 010
Data Byte
A
C
KData Byte
A
C
KP
Master
01 P
MCP47DA1
0d ddd ddd 10 ddd ddd d 1
I2C Bus
0 d ddd ddd 00 ddd ddd d 1 P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com