전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP47DA1 데이터시트(PDF) 27 Page - Microchip Technology

부품명 MCP47DA1
상세설명  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 데이터시트(HTML) 27 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 23Page - Microchip Technology MCP47DA1 Datasheet HTML 24Page - Microchip Technology MCP47DA1 Datasheet HTML 25Page - Microchip Technology MCP47DA1 Datasheet HTML 26Page - Microchip Technology MCP47DA1 Datasheet HTML 27Page - Microchip Technology MCP47DA1 Datasheet HTML 28Page - Microchip Technology MCP47DA1 Datasheet HTML 29Page - Microchip Technology MCP47DA1 Datasheet HTML 30Page - Microchip Technology MCP47DA1 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
 2012-2013 Microchip Technology Inc.
DS25118D-page 27
MCP47DA1
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
Additional descriptions of the device pins follow.
TABLE 3-1:
PINOUT DESCRIPTION FOR THE MCP47DA1
3.1
Positive Power Supply Input (VDD)
The VDD pin is the device’s positive power supply input.
The input power supply is relative to VSS and can range
from 1.8V to 5.5V. A decoupling capacitor on VDD
(to VSS) is recommended to achieve maximum
performance. Analog specifications are tested from
2.7V.
3.2
Ground (VSS)
The VSS pin is the device ground reference.
3.3
I2C Serial Clock (SCL)
The SCL pin is the serial clock pin of the I2C interface.
The MCP47DA1 acts only as a slave and the SCL pin
accepts only external serial clocks. The SCL pin is an
open-drain output. Refer to Section 5.0 “Serial
Interface – I2C Module” for more details of I2C Serial
Interface communication.
3.4
I2C Serial Data (SDA)
The SDA pin is the serial data pin of the I2C interface.
The SDA pin has a Schmitt Trigger input and an
open-drain output. Refer to Section 5.0 “Serial
Interface – I2C Module” for more details of I2C Serial
Interface communication.
3.5
Analog Output Voltage Pin (VOUT)
VOUT is the DAC analog output pin. The DAC output
has an output amplifier.
VOUT can swing from approximately VZS = 1/3 * VREF
to VFS = 2/3 * VREF. In Normal mode, the DC
impedance of the output pin is about 1
. See
Section 7.0 “Output Buffer” for more information.
3.6
Voltage Reference Pin (VREF)
This pin is the external voltage reference input. The
VREF pin signal is unbuffered so the reference voltage
must have the current capability not to drop its voltage
when connected to the internal resistor ladder circuit
(30 k
 typical). See Section 6.0 “Resistor Network”
for more information.
Pin
Name
Package
Pin
Type
Buffer
Type
Function
SOT-23-6
SC70-6
VDD
1
1
P
—
Positive Power Supply Input
VSS
2
2
P
—
Ground
SCL
3
3
I/O
ST (OD)
I2C™ Serial Clock pin
SDA
4
4
I/O
ST (OD)
I2C Serial Data pin
VOUT
5
5
I/O
A
Output voltage
VREF
6
6
I/O
A
Reference Voltage for VOUT output
Legend: A = Analog input
ST (OD) = Schmitt Trigger with Open Drain
I = Input
O = Output
I/O = Input/Output
P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com