전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP47DA1 데이터시트(PDF) 36 Page - Microchip Technology

부품명 MCP47DA1
상세설명  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 데이터시트(HTML) 36 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 32Page - Microchip Technology MCP47DA1 Datasheet HTML 33Page - Microchip Technology MCP47DA1 Datasheet HTML 34Page - Microchip Technology MCP47DA1 Datasheet HTML 35Page - Microchip Technology MCP47DA1 Datasheet HTML 36Page - Microchip Technology MCP47DA1 Datasheet HTML 37Page - Microchip Technology MCP47DA1 Datasheet HTML 38Page - Microchip Technology MCP47DA1 Datasheet HTML 39Page - Microchip Technology MCP47DA1 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
MCP47DA1
DS25118D-page 36
 2012-2013 Microchip Technology Inc.
5.2.9
I2C COMMAND PROTOCOL
The MCP47DA1 is a slave I2C device which supports
7-bit slave addressing. The slave address contains
seven fixed bits. Figure 5-9 shows the control byte
format.
5.2.9.1
Control Byte (Slave Address)
The control byte is always preceded by a Start condition.
The control byte contains the slave address consisting
of seven fixed bits and the R/W bit. Figure 5-9 shows
the control byte format and Table 5-2 shows the I2C
address for the devices.
FIGURE 5-9:
Slave Address Bits in the
I2C Control Byte.
TABLE 5-2:
DEVICE I2C ADDRESS
5.2.9.2
Hardware Address Pins
The MCP47DA1 does not support hardware address
bits.
5.2.10
GENERAL CALL
The General Call is a method that the master device
can communicate with all other slave devices.
The MCP47DA1 devices do not respond to General
Call address and commands, and therefore the
communications are Not Acknowledged.
FIGURE 5-10:
General Call Formats.
S A6A5 A4A3A2 A1A0 R/W A/A
Start
bit
Slave Address
R/W bit
A bit (controlled by slave device)
R/W = 0 = write
R/W = 1 = read
A = 0 = Slave device Acknowledges byte
A = 1 = Slave device does not Acknowledge byte
“0” “1” “0” “1” “1” “1” “0”
Device
I2C™ Address
Binary
Hex (1) Code Comment
MCP47DA1 ‘0101110’0x5C
A0
‘0111110’0x7C
A1
Note 1: The LSb of the 8-bit hex code is the I2C
Read/Write (R/W) bit. This hex value has
a R/W bit = “0” (write). If the R/W bit
reflected a read, this values would be
0x5D and 0x7D.
Note 1: The MCP47DA1 device supports two dif-
ferent I2C address (A0 and A1). This
allows two MCP47DA1 device on the
same I2C bus.
0
000
S
000 0
X
X XXX
AX X 0 AP
General Call Address
Second Byte
“7-bit Command”
Reserved 7-bit Commands (By I2C™ Specification – NXP specification # UM10204, Ver. 03 16 January 2007)
“0000 011”b - Reset and write programmable part of slave address by hardware
“0000 010”b - Write programmable part of slave address by hardware
“0000 000”b - NOT Allowed
The Following is a “Hardware General Call” Format
0
00 0
S
0 000
X
X XXX
AX X 1 A
General Call Address
Second Byte
“7-bit Command”
X
X XXX
XX X A P
n occurrences of (Data + A / A)
This indicates a “Hardware General Call”.
MCP47DA1 will ignore this byte and
all following bytes (and A), until
a Stop bit (P) is encountered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com