전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP47DA1 데이터시트(PDF) 51 Page - Microchip Technology

부품명 MCP47DA1
상세설명  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 데이터시트(HTML) 51 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 47Page - Microchip Technology MCP47DA1 Datasheet HTML 48Page - Microchip Technology MCP47DA1 Datasheet HTML 49Page - Microchip Technology MCP47DA1 Datasheet HTML 50Page - Microchip Technology MCP47DA1 Datasheet HTML 51Page - Microchip Technology MCP47DA1 Datasheet HTML 52Page - Microchip Technology MCP47DA1 Datasheet HTML 53Page - Microchip Technology MCP47DA1 Datasheet HTML 54Page - Microchip Technology MCP47DA1 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 76 page
background image
 2012-2013 Microchip Technology Inc.
DS25118D-page 51
MCP47DA1
8.0
APPLICATIONS EXAMPLES
The MCP47DA1 family of devices are general purpose,
single-channel voltage output DACs for various
applications where a precision operation with low
power is needed.
The MCP47DA1 devices are rail-to-rail output DACs
designed to operate with a VDD range of 2.7V to 5.5V.
The internal output op amplifier is robust enough to
drive common, small-signal loads directly, thus
eliminating the cost and size of external buffers for
most applications.
Applications generally suited for the devices are:
• Set Point or Offset Trimming
• Sensor Calibration
• Portable Instrumentation (Battery Powered)
• Motor Control
Application examples include:
• DC Set Point or Calibration
• Decreasing Output Step Size
• Building a “Window” DAC
• Selectable Gain and Offset Bipolar Voltage
Output
• Building Programmable Current Source
• Serial Interface Communication Times
• Software I2C Interface Reset Sequence
In the design of a system with MCP47DA1 devices, the
following considerations should be taken into account:
• Power Supply Considerations (Noise)
• PCB Area Requirements
• Connecting to I2C BUS using Pull-Up
Resistors
8.1
DC Set Point or Calibration
A common application for the devices is a
digitally-controlled set point and/or calibration of
variable parameters, such as sensor offset or slope.
For example, the MCP47DA1 provides 64 output steps
over 1/3 of the voltage reference range. If voltage
reference is 1.65V, the LSb size is 1.65V / 192, or ~
8.6 mV.
Applications that need accurate detection of an input
threshold event often need several sources of error
eliminated. Use of comparators and operational
amplifiers (op amps) with low offset and gain error can
help achieve the desired accuracy, but in many
applications, the input source variation is beyond the
designer’s control. If the entire system can be
calibrated after assembly in a controlled environment
(like factory test), these sources of error are minimized
if not entirely eliminated. Figure 8-1 illustrates this
example circuit. Equation 8-1 shows a quick estimation
of the wiper value given the desired voltage trip (VTRIP)
point.
FIGURE 8-1:
Set Point or Threshold
Calibration.
EQUATION 8-1:
ESTIMATING THE WIPER
VALUE (N) FROM THE
DESIRED VTRIP
VCC+
VCC–
VO
I2C™
2-wire
VREF
MCP47DA1
VDD
VOUT
C1
Comp.
VTRIP
VSENSE
VTRIP = VOUT = (1/3) * VREF + (N * VS)
( VTRIP - ( (1/3) * VREF ) )
Where: VS = VREF / 192
Note:
Calculation does not take into account
RFS and RZS resistors of the DAC’s
resistor ladder (see Section 7.1 for
N =
VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com