| 전자부품 데이터시트 검색엔진 |
|
AN1105 데이터시트(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1105 데이터시트(HTML) 56 Page - STMicroelectronics |
|
56 / 100 page ![]() 56/100 ST7 pCAN PERIPHERAL DRIVER 3.3.2 Code Size The numbers given here correspond to the size of the driver code WITHOUT any addition of application specific code. 3.3.2.1 Can.o Module Table 2. Can.o Code Size 3.3.2.2 Can_custom.o Module Table 3. Can_custom.o Code Size ROM RAM (page 0) RAM (Default) Functions 1326 bytes -- -- Variables & Constants 10 bytes 19 bytes (shared segment) 28 bytes ROM RAM (page 0) RAM (Default) Functions 5 bytes -- -- Variables & Constants -- -- -- |