전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1105 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 AN1105
상세설명  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 34Page - STMicroelectronics AN1105 Datasheet HTML 35Page - STMicroelectronics AN1105 Datasheet HTML 36Page - STMicroelectronics AN1105 Datasheet HTML 37Page - STMicroelectronics AN1105 Datasheet HTML 38Page - STMicroelectronics AN1105 Datasheet HTML 39Page - STMicroelectronics AN1105 Datasheet HTML 40Page - STMicroelectronics AN1105 Datasheet HTML 41Page - STMicroelectronics AN1105 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 100 page
background image
38/100
ST7 pCAN PERIPHERAL DRIVER
3 DETAILED DESCRIPTION
In the following section we will give a detailed description of function algorithms. We will also
look at the internal aspects of the driver.
3.1 USER INTERFACE FUNCTIONS
As described above in the routine parameters and return values, the algorithm will only be
shown on flowcharts. For more information, refer to Section 2.1.5.2 "Functions".
void CAN_It_Dis(void):
Simply clears the CAN Interrupt control register.
u8 CAN_Get_TEC(void):
Simply returns the value of TEC.
u8 CAN_Get_REC(void):
Simply returns the value of REC.
CAN_Init_Error CAN_First_Init(void)
Figure 13. CAN_First_Init Flowchart
RUN=0
Y
N
Begin
Y
Returns
CAN_INIT_FAILURE
Initializes
Transmission
Queue
Locks Buffer 1
Calls CAN_Init
Returns
CAN_INIT_SUCCESS
Success?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100