| 전자부품 데이터시트 검색엔진 |
|
AN1105 데이터시트(PDF) 92 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1105 데이터시트(HTML) 92 Page - STMicroelectronics |
|
92 / 100 page ![]() 92/100 ST7 pCAN PERIPHERAL DRIVER ////////////////////////////////////////////////////////// //Optional functions//////////////////////////////////// ////////////////////////////////////////////////////////// //All those functions are meant to be called by the interrupt routine //so don’t auhorize ITs in this file, otherwise it could lead to undefined behaviour //of the application CAN_Buffer* CAN_Request_Buffer(u16 ident_of_message) { //The application must supply here a buffer. } void CAN_Remote_Reception_Notification(u16 ident_of_remote) { //Application behaviour after reception of a remote frame } void CAN_Data_Reception_Notification(u16 message_ident) { //Application behaviour after reception of a data frame } void CAN_Transmission_Notification(void) { //Write your code here } void CAN_Dominant_Bit_Reception_Notification(void) { //Write your code here } #ifdef STATUS_CHANGE_NOTIFICATION void CAN_Bus_Passive_Notification(void) { //To implement if defined } void CAN_Bus_Active_Notification(void) { |