전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1105 데이터시트(PDF) 84 Page - STMicroelectronics

부품명 AN1105
상세설명  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 데이터시트(HTML) 84 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 80Page - STMicroelectronics AN1105 Datasheet HTML 81Page - STMicroelectronics AN1105 Datasheet HTML 82Page - STMicroelectronics AN1105 Datasheet HTML 83Page - STMicroelectronics AN1105 Datasheet HTML 84Page - STMicroelectronics AN1105 Datasheet HTML 85Page - STMicroelectronics AN1105 Datasheet HTML 86Page - STMicroelectronics AN1105 Datasheet HTML 87Page - STMicroelectronics AN1105 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 100 page
background image
84/100
ST7 pCAN PERIPHERAL DRIVER
{
Clr_SCIF_Bit();
//clears the CANISR TXIF flag, before
reenabling ITs
SetBit(CANICR,SCIE);
/*sets the CANICR TXIE flag, before
reenabling ITs*/
}
else if(wucause==SOFT_WAKEUP)
{
Clr_SCIF_Bit();
//clears the CANISR TXIF flag, before
reenabling ITs
}
return CAN_SLEEP_SUCCESS;
}
return CAN_SLEEP_ERROR;
//default exit
}
/*--------------------------------------------------------------------------
ROUTINE NAME : CAN_Switch_on
INPUT/OUTPUT : pointer on an init data, order : emission of a dominant pulse by
wake up or not/error status
DESCRIPTION : Puts the CAN node into active state
COMMENTS
: Calls CAN_Init
Possible return value : SWITCH_ON_SUCCES
SWITCH_ON_FAILURE
--------------------------------------------------------------------------*/
CAN_Switch_Error CAN_Switch_On (Init_Data_Ptr idptr, CAN_Bool wupulse_allowed)
{
if (!ValBit(CANCSR,RUN))
//The can must not be running
{
CAN_Switch_Error error_status;
status_counter=0;
CANPSR=PAGE_1;
Clr_LOCK_Bit();
//Cancels any pending transmission
SetBit(CANBCSR,LOCK);
//Thus the buffer 1 cannot be used for reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100