전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1105 데이터시트(PDF) 70 Page - STMicroelectronics

부품명 AN1105
상세설명  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 데이터시트(HTML) 70 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 66Page - STMicroelectronics AN1105 Datasheet HTML 67Page - STMicroelectronics AN1105 Datasheet HTML 68Page - STMicroelectronics AN1105 Datasheet HTML 69Page - STMicroelectronics AN1105 Datasheet HTML 70Page - STMicroelectronics AN1105 Datasheet HTML 71Page - STMicroelectronics AN1105 Datasheet HTML 72Page - STMicroelectronics AN1105 Datasheet HTML 73Page - STMicroelectronics AN1105 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
70/100
ST7 pCAN PERIPHERAL DRIVER
if (ValBit(CANBCSR,RDY))
//Check if the register is already in use
{
return CAN_TRANSMIT_BUFFER_FULL;
//Exit if yes
}
else
{
CAN_Buffer* msg_to_send_ptr;
u8* data_ptr;
CAN_Data_Size data_length;
msg_to_send_ptr=CAN_Out_Queue();
//If no, get the first message
in the queue
if (msg_to_send_ptr==NULL)
{
return CAN_TRANSMIT_NO_MSG;
//Aborts process if queue
empty
}
CANIDLR=0x00;
CANIDHR=0x00;
data_length=msg_to_send_ptr->data_size;
data_ptr=msg_to_send_ptr->CAN_msg_data;
//!!!Code is here dependant of the order of the fields in the data structure
//Writing both CANIDHR and CANIDLR
CANIDLR = *(((unsigned char*)msg_to_send_ptr)+1);
CANIDHR = *((unsigned char*)msg_to_send_ptr);
_asm("SLL _CANIDLR \n RLC _CANIDHR");
{
register u8 counter;
if (data_length==REMOTE_FRAME) /*If remote frame, send immediately*/
{
SetBit(CANIDLR,RTR);
}
else
{
CANIDLR |= data_length;
for (counter=0;counter<data_length;counter++)
{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100