전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC5425 데이터시트(PDF) 25 Page - Connor-Winfield Corporation

부품명 STC5425
상세설명  Line Card Clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONNOR-WINFIELD [Connor-Winfield Corporation]
홈페이지  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5425 데이터시트(HTML) 25 Page - Connor-Winfield Corporation

Back Button STC5425 Datasheet HTML 21Page - Connor-Winfield Corporation STC5425 Datasheet HTML 22Page - Connor-Winfield Corporation STC5425 Datasheet HTML 23Page - Connor-Winfield Corporation STC5425 Datasheet HTML 24Page - Connor-Winfield Corporation STC5425 Datasheet HTML 25Page - Connor-Winfield Corporation STC5425 Datasheet HTML 26Page - Connor-Winfield Corporation STC5425 Datasheet HTML 27Page - Connor-Winfield Corporation STC5425 Datasheet HTML 28Page - Connor-Winfield Corporation STC5425 Datasheet HTML 29Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Page 25 of 48
TM113
Rev:P1.3
Date: September 20, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5425
Line Card Clock
Data sheet
Preliminary
Register Descriptions and Operation
General Register Operation
The STC5425 device has 1, 2, 3, and 4 byte registers. One-byte registers are read and written directly. Multiple
-byte registers must be read and written in a specific manner and order, as follows:
Multibyte register reads
A multi byte register read must commence with a read of the least significant byte first. This triggers a transfer
of the remaining byte(s) to a holding register, ensuring that the remaining data will not change with the continu-
ing operation of the device. The remaining byte(s) must be read consecutively with no intervening read/writes
from/to other registers.
Multibyte register writes
A multi byte register write must commence with a write to the least significant byte first. Subsequent writes to
the remaining byte(s) must be performed in ascending byte order, consecutively, with no intervening read/
writes from/to other registers, but with no timing restrictions. Multibyte register writes are temporarily stored in
a holding register, and are transferred to the target register when the most significant byte is written.
Chip_ID, 0x00 (R)
Indicates chip’s ID number
Chip_Rev, 0x02 (R)
Indicates the revision number of STC5425
Chip_Sub_Rev, 0x03 (R)
Indicates the firmware revision number of STC5425
Fill_Obs_Window, 0x07 (R/W)
Sets the fill observation window size for the reference activity monitor to (m+1) ms. The window size can be set
from 1ms to 16ms.
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x00
0x25
0x01
0x54
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x02
Revision Number
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x03
Sub-Revision Number
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x07
Not used
Leaky bucket fill observation window, m = 0 ~ 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com