전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC5425 데이터시트(PDF) 44 Page - Connor-Winfield Corporation

부품명 STC5425
상세설명  Line Card Clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONNOR-WINFIELD [Connor-Winfield Corporation]
홈페이지  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5425 데이터시트(HTML) 44 Page - Connor-Winfield Corporation

Back Button STC5425 Datasheet HTML 40Page - Connor-Winfield Corporation STC5425 Datasheet HTML 41Page - Connor-Winfield Corporation STC5425 Datasheet HTML 42Page - Connor-Winfield Corporation STC5425 Datasheet HTML 43Page - Connor-Winfield Corporation STC5425 Datasheet HTML 44Page - Connor-Winfield Corporation STC5425 Datasheet HTML 45Page - Connor-Winfield Corporation STC5425 Datasheet HTML 46Page - Connor-Winfield Corporation STC5425 Datasheet HTML 47Page - Connor-Winfield Corporation STC5425 Datasheet HTML 48Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Page 44 of 48
TM113
Rev:P1.3
Date: September 20, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5425
Line Card Clock
Data sheet
Preliminary
Order Information
All STC5425 parts are RoHS 6/6 compliant.
Part Number
Description
STC5425
Industrial Temperature Range Model (-40°C ~ +85 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com