전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC5425 데이터시트(PDF) 39 Page - Connor-Winfield Corporation

부품명 STC5425
상세설명  Line Card Clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONNOR-WINFIELD [Connor-Winfield Corporation]
홈페이지  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5425 데이터시트(HTML) 39 Page - Connor-Winfield Corporation

Back Button STC5425 Datasheet HTML 35Page - Connor-Winfield Corporation STC5425 Datasheet HTML 36Page - Connor-Winfield Corporation STC5425 Datasheet HTML 37Page - Connor-Winfield Corporation STC5425 Datasheet HTML 38Page - Connor-Winfield Corporation STC5425 Datasheet HTML 39Page - Connor-Winfield Corporation STC5425 Datasheet HTML 40Page - Connor-Winfield Corporation STC5425 Datasheet HTML 41Page - Connor-Winfield Corporation STC5425 Datasheet HTML 42Page - Connor-Winfield Corporation STC5425 Datasheet HTML 43Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Page 39 of 48 TM113
Rev:P1.3
Date: September 20, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5425
Line Card Clock
Data sheet
Preliminary
CLK8K_Sel, 0x59 (R/W)
CLK2K_Sel, 0x5A (R/W)
Selects duty cycle of the 8kHz and 2kHz frame clock output generated from synthesizer F and determine
whether the CLK8K or CLK2K is inverted. Default is not inverted and pulsed on the rising edge.
Default value: 63 (50% duty cycle, not inverted)
Ref_Freq, 0x5B (R/W)
Select the integer N for the manually acceptable reference frequency at Nx8kHz (N is integer from 1 to 32767)
for REF1~REF5. Select which of reference input depends on the index selected at the register
Ref_Index_Selector.
Setting this register to 0 is to enable the automatically detection for reference input frequency. The auto-detect
acceptable reference input frequencies is shown in Table 4.
Setting integer N (from 1 to 32767) at this register allows user to manually select the acceptable reference
input frequency at the integer multiple of 8kHz, range from 8kHz to 262.136MHz. For instance, user can select
integer N = 32000 to manually accept frequency at 32000x8kHz = 256MHz.
Default value: 0
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x59
Not used
Invert
Duty Cycle Select
0x5A
Not used
Invert
Duty Cycle Select
Bit 5 ~ 0
Duty Cycle Select
0
Disabled and tri-state
1~62
Pulse width 1 to 62 cycle of 155.52MHz
63
50% duty cycle
Bits 6
Invert
0
Not inverted (frame pulsed on rising edge)
1
Inverted (frame pulsed on falling edge)
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x5B
Lower 8 bits of integer N Select
0x5C
Not used
Higher 7 bits of integer N Select
Field Value
Integer N Select
0
Enable auto detection for reference input
1~32767
Integer N for the manual acceptable reference frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com