전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC5425 데이터시트(PDF) 36 Page - Connor-Winfield Corporation

부품명 STC5425
상세설명  Line Card Clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONNOR-WINFIELD [Connor-Winfield Corporation]
홈페이지  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5425 데이터시트(HTML) 36 Page - Connor-Winfield Corporation

Back Button STC5425 Datasheet HTML 32Page - Connor-Winfield Corporation STC5425 Datasheet HTML 33Page - Connor-Winfield Corporation STC5425 Datasheet HTML 34Page - Connor-Winfield Corporation STC5425 Datasheet HTML 35Page - Connor-Winfield Corporation STC5425 Datasheet HTML 36Page - Connor-Winfield Corporation STC5425 Datasheet HTML 37Page - Connor-Winfield Corporation STC5425 Datasheet HTML 38Page - Connor-Winfield Corporation STC5425 Datasheet HTML 39Page - Connor-Winfield Corporation STC5425 Datasheet HTML 40Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Page 36 of 48 TM113
Rev:P1.3
Date: September 20, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5425
Line Card Clock
Data sheet
Preliminary
Default value: 7
Frame_Phase_Align, 0x42 (R/W)
Selects frame reference input and the sampling of the selected reference for frame alignment.
Frame reference input selection:
Selects any one from the three external sync inputs as frame reference for Ref1~Ref5 individually. External
sync inputs can take frequency of 2kHz or 8kHz and this frequency is auto-detectable. When none of frame ref-
erence inputs is used, set 0 to select its own frame pulse output of CLK8K as frame reference.
Frame phase alignment and edge selection:
Selects either frame phase arbitrary mode or frame phase align mode. Selects the sampling edge on the
selected reference input in phase align mode. If phase arbitrary mode is selected, any selection of frame refer-
ence will be dismissed.
Default value: 0
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x42
Frame Phase Alignment
and Edge Selection for
Ref2
Frame Reference Selec-
tion for Ref2
Frame Phase Alignment
and Edge Selection for
Ref1
Frame Reference Selec-
tion for Ref1
0x43
Not used
Frame Phase Alignment
and Edge Selection for
Ref3
Frame Reference Selec-
tion for Ref3
0x44
Frame Phase Alignment
and Edge Selection for
Ref5
Frame Reference Selec-
tion for Ref5
Frame Phase Alignment
and Edge Selection for
Ref4
Frame Reference Selec-
tion for Ref4
Bits 1 ~ 0
Bits 5 ~ 4
Frame Reference Select
0
Frame pulse output of CLK8K generated from
the device
1
Frame reference input EX_SYNC1
2
Frame reference input EX_SYNC2
3
Frame reference input EX_SYNC3
Bits 3 ~ 2
Bits 7 ~ 6
Frame phase
alignment
Frame Edge of Selected Reference Select
0
Frame phase
arbitrary mode
Dismiss frame reference selection
1
Frame phase
align mode
Rising edge nearest to the frame pulse on the
external frame reference input
2
Rising edge previous to the frame pulse on
the external frame reference input
3
Rising edge next to the frame pulse on the
external frame reference input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com