전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC5425 데이터시트(PDF) 33 Page - Connor-Winfield Corporation

부품명 STC5425
상세설명  Line Card Clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONNOR-WINFIELD [Connor-Winfield Corporation]
홈페이지  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5425 데이터시트(HTML) 33 Page - Connor-Winfield Corporation

Back Button STC5425 Datasheet HTML 29Page - Connor-Winfield Corporation STC5425 Datasheet HTML 30Page - Connor-Winfield Corporation STC5425 Datasheet HTML 31Page - Connor-Winfield Corporation STC5425 Datasheet HTML 32Page - Connor-Winfield Corporation STC5425 Datasheet HTML 33Page - Connor-Winfield Corporation STC5425 Datasheet HTML 34Page - Connor-Winfield Corporation STC5425 Datasheet HTML 35Page - Connor-Winfield Corporation STC5425 Datasheet HTML 36Page - Connor-Winfield Corporation STC5425 Datasheet HTML 37Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Page 33 of 48
TM113
Rev:P1.3
Date: September 20, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5425
Line Card Clock
Data sheet
Preliminary
Selected_Ref, 0x24 (R)
Indicates the current selected reference or operation mode.
Device_Holdover_History, 0x25 (R)
The accumulated device holdover history relative to MCLK. 2’s complement. Resolution is 0.745x10-3 ppb.
Short_Term_Accu_History, 0x2D (R)
Short term accumulated history relative to MCLK. 2’s complement. Resolution is 0.745x10-3 ppb.
Short_Term_History_Bandwidth, 0x35 (R/W)
Bandwidth of short term holdover history accumulator.
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x24
Not used
Current selected reference
Field Value
Current selected reference
0
Freerun
1~5
Sync with Ref 1 ~ Ref 5
6 ~ 12
Reserved
13
Holdover
14, 15
Reserved
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x25
Bits 0 - 7 of 32 bit Device Holdover History
0x26
Bits 8 - 15 of 32 bit Device Holdover History
0x27
Bits 16 - 23 of 32 bit Device Holdover History
0x28
Bits 24 - 31 of 32 bit Device Holdover History
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x2D
Bits 0 - 7 of 32 bit Short term History
0x2E
Bits 8 - 15 of 32 bit Short term History
0x2F
Bits 16 - 23 of 32 bit Short term History
0x30
Bits 24 - 31 of 32 bit Short term History
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x35
Not used
Short Term History Accumulator
Bandwidth
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com