전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC5425 데이터시트(PDF) 43 Page - Connor-Winfield Corporation

부품명 STC5425
상세설명  Line Card Clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONNOR-WINFIELD [Connor-Winfield Corporation]
홈페이지  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5425 데이터시트(HTML) 43 Page - Connor-Winfield Corporation

Back Button STC5425 Datasheet HTML 39Page - Connor-Winfield Corporation STC5425 Datasheet HTML 40Page - Connor-Winfield Corporation STC5425 Datasheet HTML 41Page - Connor-Winfield Corporation STC5425 Datasheet HTML 42Page - Connor-Winfield Corporation STC5425 Datasheet HTML 43Page - Connor-Winfield Corporation STC5425 Datasheet HTML 44Page - Connor-Winfield Corporation STC5425 Datasheet HTML 45Page - Connor-Winfield Corporation STC5425 Datasheet HTML 46Page - Connor-Winfield Corporation STC5425 Datasheet HTML 47Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Page 43 of 48
TM113
Rev:P1.3
Date: September 20, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5425
Line Card Clock
Data sheet
Preliminary
Noise Transfer Functions
User may write to register Loop Bandwidth to set the PLL loop bandwidth for each timing generator. The
noise transfer function of the PLL filter is determined by the loop bandwidth. Figure 11 shows the noise transfer
functions as the loop bandwidth vary from 100mHz to 103Hz.
Figure 11: Noise Transfer Functions
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com