전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM6344 데이터시트(PDF) 48 Page - PMC-Sierra, Inc

부품명 PM6344
상세설명  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PMC [PMC-Sierra, Inc]
홈페이지  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 데이터시트(HTML) 48 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 44Page - PMC-Sierra, Inc PM6344 Datasheet HTML 45Page - PMC-Sierra, Inc PM6344 Datasheet HTML 46Page - PMC-Sierra, Inc PM6344 Datasheet HTML 47Page - PMC-Sierra, Inc PM6344 Datasheet HTML 48Page - PMC-Sierra, Inc PM6344 Datasheet HTML 49Page - PMC-Sierra, Inc PM6344 Datasheet HTML 50Page - PMC-Sierra, Inc PM6344 Datasheet HTML 51Page - PMC-Sierra, Inc PM6344 Datasheet HTML 52Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
35
These algorithms provide robust framing operation even in the presence of
random bit errors: framing with algorithm #1 or #2 provides a 99.98% probability
of finding frame alignment within 1 ms in the presence of 10-3 bit error rate and
no mimic patterns.
Once frame alignment is found, the block sets the OOF indication low, indicates a
change of frame alignment (if it occurred), and monitors the frame alignment
signal, indicating errors occurring in the 7-bit FAS pattern and in bit 2 of NFAS
frames, and indicating the debounced value of the Remote Alarm bit (bit 3 of
NFAS frames). Using debounce, the Remote Alarm bit has <0.00001%
probability of being falsely indicated in the presence of a 10-3 bit error rate. The
block declares loss of frame alignment if 3 or 4 consecutive FASs have been
received in error or, additionally, if bit 2 of NFAS frames has been in error for 3
consecutive occasions. In the presence of a random 10-3 bit error rate the frame
loss criteria provides a mean time to falsely lose frame alignment of >12 minutes.
The Frame Find Block can be forced to initiate a frame search at any time when
any of the following conditions are met:
• the software re-frame bit (REFR) in the Frame Alignment Options Register
changes from logic 0 to logic 1;
• the CRC Frame Find Block is unable to find CRC multiframe alignment; or
• the CRC Frame Find Block accumulates excessive CRC evaluation errors
(
≥ 915 CRC errors in 1 second) and is enabled to force a re-frame.
CRC Frame Find
Once the basic frame alignment has been found, the CRC Frame Find Block
searches for CRC multiframe alignment by observing whether the International
bits (bit 1 of timeslot 0) of NFAS frames follow the CRC multiframe alignment
pattern. Multiframe alignment is declared if at least two valid CRC multiframe
alignment signals are observed within 8 ms, with the time separating two
alignment signals being a multiple of 2 ms.
Once CRC multiframe alignment is found, the block sets the OOCMF indication
low, and monitors the multiframe alignment signal, indicating errors occurring in
the 6-bit pattern, and indicating the value of the FEBE bits (bit 1 of frames 13
and 15 of the multiframe).The block declares loss of CRC multiframe alignment if
four consecutive CRC multiframe alignment signals have been received in error,
or if frame alignment has been lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com