전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM6344 데이터시트(PDF) 52 Page - PMC-Sierra, Inc

부품명 PM6344
상세설명  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PMC [PMC-Sierra, Inc]
홈페이지  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 데이터시트(HTML) 52 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 48Page - PMC-Sierra, Inc PM6344 Datasheet HTML 49Page - PMC-Sierra, Inc PM6344 Datasheet HTML 50Page - PMC-Sierra, Inc PM6344 Datasheet HTML 51Page - PMC-Sierra, Inc PM6344 Datasheet HTML 52Page - PMC-Sierra, Inc PM6344 Datasheet HTML 53Page - PMC-Sierra, Inc PM6344 Datasheet HTML 54Page - PMC-Sierra, Inc PM6344 Datasheet HTML 55Page - PMC-Sierra, Inc PM6344 Datasheet HTML 56Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
39
When the internal HDLC receiver is disabled, the serial data extracted by the
FRMR block is output on the RDLSIG[x] pin and is updated on the falling clock
edge of the RDLCLK[x] pin.
8.6
Elastic Store (ELST)
The Elastic Store function is provided by the ELST block.
The Elastic Store (ELST) block synchronizes incoming PCM frames to the local
backplane clock, BRCLK. The frame data is buffered in a two frame circular data
buffer. Input data is written to the buffer using a write pointer and output data is
read from the buffer using a read pointer.
When the backplane timing is derived from the receive line data (i.e. the
RCLKO[x[ output is used), the elastic store can be bypassed to eliminate the 2
frame delay. In this configuration the elastic store can be used to measure
frequency differences between the recovered line clock and another 2.048 MHz
clock applied to the BRCLK input. A typical example might be to measure the
difference in frequency between two received E1 streams (i.e. East-West
frequency difference) by monitoring the number of SLIP occurrences of one
direction with respect to the other.
When the elastic store is being used, if the average frequency of the incoming
data is greater than the average frequency of the backplane clock, the write
pointer will catch up to the read pointer and the buffer will be filled. Under this
condition a controlled slip will occur when the read pointer crosses the next
frame boundary. The following frame of PCM data will be deleted.
If the average frequency of the incoming data is less than the average frequency
of the backplane clock, the read pointer will catch up to the write pointer and the
buffer will be empty. Under this condition a controlled slip will occur when the
read pointer crosses the next frame boundary. The last frame which was read
will be repeated.
A slip operation is always performed on a frame boundary.
To allow for the extraction of signaling information in the PCM data timeslots,
multiframe identification is also passed through the ELST.
8.7
Signaling Extractor (SIGX)
The Signaling Extraction function is provided by the Signaling Extractor (SIGX)
block. The block provides channel associated signaling (CAS) extraction from an
E1 signaling multiframe. Signaling data is extracted from timeslot 16 of each



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com