전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GPF 데이터시트(PDF) 40 Page - fujitsu semiconductor

부품명 MB90F548GPF
상세설명  16-bit Proprietary Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F548GPF 데이터시트(HTML) 40 Page - fujitsu semiconductor

Back Button MB90F548GPF Datasheet HTML 36Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 37Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 38Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 39Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 40Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 41Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 42Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 43Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 44Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
MB90540/540G/545/545G Series
40
3.
DC Characteristics
(MB90F543/F549: VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
(MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
= 3.5 V to 5.5 V, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(Other than MB90F543/F549/543G(S)/547G(S)/548G(S)/F548GL(S):
VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(Continued)
Parameter
Sym-
bol
Pin name
Condition
Value
Units
Remarks
Min
Typ
Max
Input H
voltage
VIHS
CMOS
hysteresis
input pin
0.8 VCC
VCC
+ 0.3
V
VIH
TTL input
pin
2.0

V
VIHM
MD input
pin
VCC
− 0.3
VCC
+ 0.3
V
Input L
voltage
VILS
CMOS
hysteresis
input pin
VCC
− 0.3
0.2 VCC
V
VIL
TTL input
pin

0.8
V
VILM
MD input
pin
VSS
− 0.3
VCC
+ 0.3
V
Output H
voltage
VOH
All output
pins
VCC
= 4.5 V,
IOH
= −4.0 mA
VCC
− 0.5

V
Output L
voltage
VOL
All output
pins
VCC
= 4.5 V,
IOL
= 4.0 mA

0.4
V
Input
leak cur-
rent
IIL
VCC
= 5.5 V,
VSS
< VI < VCC
−5
5
µA
Pull-up
resis-
tance
RUP
P00 to
P07,
P10 to
P17,
P20 to
P27,
P30 to
P37,
RST
25
50
100
k
Ω
Pull-
down
resis-
tance
RDO
WN
MD2
25
50
100
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com