| 전자부품 데이터시트 검색엔진 |
|
MB90F548GPF 데이터시트(PDF) 21 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F548GPF 데이터시트(HTML) 21 Page - fujitsu semiconductor |
|
21 / 67 page ![]() MB90540/540G/545/545G Series 21 s s s s BLOCK DIAGRAM X0, X1 SOT0 SCK0 SIN0 SOT1 SCK1 SIN1 SOT2 SCK2 SIN2 AVCC AVSS AN0 to AN7 AVRH AVRL ADTG X0A, X1A RST HST F2MC 16LX CPU IN0 to IN5 IN6/OUT2, IN7/OUT3 OUT0, OUT1 TIN0, TIN1 AD00 to AD15 A16 to A23 ALE RD WRL WRH HRQ HAK RDY CLK INT0 to INT7 TOT0, TOT1 RX0, RX1 * TX0, TX1 * PPG0 to PPG3 Clock Controller RAM 2 K/4 K/6 K/8 K ROM/Flash 128 K/256 K/ 64K(ROM only) Prescaler UART0 UART1 (SCI) Prescaler Serial I/O 10-bit A/D Converter 8 ch. Prescaler 16-bit I/O Timer 16-bit Input Capture 8 ch. 16-bit Output Compare 4 ch. 8/16-bit PPG 4 ch. CAN Controller 16-bit Reload Timer 2 ch. External Bus Interface External Interrupt 8 ch. * : Only the MB90540 series has two channels |