전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GPF 데이터시트(PDF) 42 Page - fujitsu semiconductor

부품명 MB90F548GPF
상세설명  16-bit Proprietary Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F548GPF 데이터시트(HTML) 42 Page - fujitsu semiconductor

Back Button MB90F548GPF Datasheet HTML 38Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 39Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 40Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 41Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 42Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 43Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 44Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 45Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 46Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
MB90540/540G/545/545G Series
42
4.
AC Characteristics
(1) Clock Timing
(MB90F543/F549: VCC
= 5.0 V±10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
(MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
= 3.5 V to 5.5 V, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(Other than MB90F543/F549/543G(S)/547G(S)/548G(S)/F548GL(S):
VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
Parameter
Symbol
Pin name
Value
Units
Remarks
Min
Typ
Max
Oscillation frequency
fC
X0, X1
3
16
MHz VCC
= 5.0 V±10%
3
5MHz
VCC
<4.5 (MB90F548GL(S)/
543G(S)/547G(S)/548G(S))
fCL
X0A, X1A
32.768
kHz
Oscillation cycle time
tCYL
X0, X1
62.5
333
ns
VCC
= 5.0 V±10%
200
333
ns
VCC
<4.5 (MB90F548GL(S)/
543G(S)/547G(S)/548G(S))
tLCYL
X0A, X1A
30.5
µs
Input clock pulse width
PWH, PWL
X0
10

ns
Duty ratio is about 30
% to
70
%.
PWLH, PWLL
X0A
15.2
µs
Input clock rise and fall
time
tCR, tCF
X0

5
ns
When using external clock
Machine clock frequency
fCP
1.5
16
MHz When using main clock
fLCP

8.192
kHz
When using sub-clock
Machine clock cycle time
tCP
62.5
666
ns
When using main clock
tLCP

122.1
µs
When using sub-clock
X0
tCYL
tCF
tCR
0.8 VCC
0.2 VCC
PWH
PWL
X0A
tLCYL
tCF
tCR
0.8 VCC
0.2 VCC
PWLH
PWLL
• Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com