전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GPF 데이터시트(PDF) 28 Page - fujitsu semiconductor

부품명 MB90F548GPF
상세설명  16-bit Proprietary Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F548GPF 데이터시트(HTML) 28 Page - fujitsu semiconductor

Back Button MB90F548GPF Datasheet HTML 24Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 25Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 26Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 27Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 28Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 29Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 30Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 31Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 32Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
MB90540/540G/545/545G Series
28
(Continued)
• Read/write notation
• Initial value notation
Note : Addresses in the range 0000H to 00FFH, which are not listed in the table, are reserved for the primary functions
of the MCU. A read access to these reserved addresses results in an “X” reading and any write access should
not be performed.
Address
Register
Abbreviation Access
Resource name
Initial value
3928H
Output Compare Register 0
OCCP0
R/W
Output Compare 0/1
XXXXXXXXB
3929H
Output Compare Register 0
OCCP0
R/W
XXXXXXXXB
392AH
Output Compare Register 1
OCCP1
R/W
XXXXXXXXB
392BH
Output Compare Register 1
OCCP1
R/W
XXXXXXXXB
392CH
Output Compare Register 2
OCCP2
R/W
Output Compare 2/3
XXXXXXXXB
392DH
Output Compare Register 2
OCCP2
R/W
XXXXXXXXB
392EH
Output Compare Register 3
OCCP3
R/W
XXXXXXXXB
392FH
Output Compare Register 3
OCCP3
R/W
XXXXXXXXB
3930H to
39FFH
Reserved
3A00H to
3AFFH
Reserved for CAN 0 Interface.
3B00H to
3BFFH
Reserved for CAN 0 Interface.
3C00H to
3CFFH
Reserved for CAN 1 Interface.
3D00H to
3DFFH
Reserved for CAN 1 Interface.
3E00H to
3FFFH
Reserved
R/W : Reading and writing permitted
R
: Read-only
W
: Write-only
0
: Initial value is “0”.
1
: Initial value is “1”.
X
: Initial value is undefined.
_
: Initial value is unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com