전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GPF 데이터시트(PDF) 59 Page - fujitsu semiconductor

부품명 MB90F548GPF
상세설명  16-bit Proprietary Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F548GPF 데이터시트(HTML) 59 Page - fujitsu semiconductor

Back Button MB90F548GPF Datasheet HTML 55Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 56Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 57Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 58Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 59Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 60Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 61Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 62Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 63Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
MB90540/540G/545/545G Series
59
6.
Flash Memory Program/Erase Characteristics
Parameter
Condition
Value
Units
Remarks
Min
Typ
Max
Sector erase time
TA
= + 25 °C
VCC
= 5.0 V
1
15
s
Excludes 00H programming prior erasure
Chip erase time
5
s
MB90F543/F543G (S) /
F548G (S) /F548GL (S) Excludes 00H
programming
prior erasure
7
s
MB90F549/F549G (S) /
F546G (S)
Word (16 bit width)
programming time
16
3,600
µs
Excludes system-level overhead
Erase/Program cycle
10,000

cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com