전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GPF 데이터시트(PDF) 48 Page - fujitsu semiconductor

부품명 MB90F548GPF
상세설명  16-bit Proprietary Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F548GPF 데이터시트(HTML) 48 Page - fujitsu semiconductor

Back Button MB90F548GPF Datasheet HTML 44Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 45Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 46Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 47Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 48Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 49Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 50Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 51Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 52Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
MB90540/540G/545/545G Series
48
(5) Bus Timing (Read)
(MB90F543/F549 : VCC
= 4.5 V to 5.5 V, VSS = 0.0 V, TA = −40 °C to +85 °C)
(MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
= 3.5 V to 5.5 V, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(Other than MB90F543/F549/543G(S)/547G(S)/548G(S)/F548GL(S):
VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
Parameter
Symbol
Pin name
Condition
Value
Units Remarks
Min
Max
ALE pulse width
tLHLL
ALE
tCP/2
− 20
ns
Valid address
→ALE↓time
tAVLL
ALE,
A16 to A23,
AD00 to
AD15
tCP/2
− 20
ns
ALE
↓→Address valid time
tLLAX
ALE, AD00
to AD15
tCP/2
− 15
ns
Valid address
→RD↓time
tAVRL
A16 toA23,
AD00 to
AD15, RD
tCP
− 15
ns
Valid address
→Valid data
input
tAVDV
A16 to A23,
AD00 to
AD15
5 tCP/2
− 60
ns
RD pulse width
tRLRH
RD
3 tCP/2
− 20
ns
RD
↓→Valid data input
tRLDV
RD, AD00 to
AD15
3 tCP/2
− 60
ns
RD
↑→Data hold time
tRHDX
RD, AD00 to
AD15
0
ns
RD
↓→ALE↑time
tRHLH
RD, ALE
tCP/2
− 15
ns
RD
↑→Address valid time
tRHAX
RD, A16 to
A23
tCP/2
− 10
ns
Valid address
→CLK↑time
tAVCH
A16 to A23,
AD00 to
AD15, CLK
tCP/2
− 20
ns
RD
↓→CLK↑time
tRLCH
RD, CLK
tCP/2
− 20
ns
ALE
↓→RD↓time
tLLRL
ALE, RD
tCP/2
− 15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com