전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GPF 데이터시트(PDF) 36 Page - fujitsu semiconductor

부품명 MB90F548GPF
상세설명  16-bit Proprietary Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F548GPF 데이터시트(HTML) 36 Page - fujitsu semiconductor

Back Button MB90F548GPF Datasheet HTML 32Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 33Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 34Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 35Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 36Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 37Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 38Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 39Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 40Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
MB90540/540G/545/545G Series
36
*1 : The interrupt request flag is cleared by the EI2OS interrupt clear signal.
*2 : The interrupt request flag is cleared by the EI2OS interrupt clear signal. A stop request is available.
Note :
• N/A : The interrupt request flag is not cleared by the EI2OS interrupt clear signal.
• For a peripheral module with two interrupt causes for a single interrupt number, both interrupt request flags
are cleared by the EI2OS interrupt clear signal.
• At the end of EI2OS, the EI2OS clear signal will be asserted for all the interrupt flags assigned to the same
interrupt number. If one interrupt flag starts the EI2OS and in the meantime another interrupt flag is set by a
hardware event, the later event is lost because the flag is cleared by the EI2OS clear signal caused by the first
event. So it is recommended not to use the EI2OS for this interrupt number.
•If EI2OS is enabled, EI2OS is initiated when one of the two interrupt signals in the same interrupt control register
(ICR) is asserted. This means that different interrupt sources share the same EI2OS Descriptor which should
be unique for each interrupt source. For this reason, when one interrupt source uses the EI2OS, the other
interrupt should be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com