전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F548GPF 데이터시트(PDF) 52 Page - fujitsu semiconductor

부품명 MB90F548GPF
상세설명  16-bit Proprietary Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F548GPF 데이터시트(HTML) 52 Page - fujitsu semiconductor

Back Button MB90F548GPF Datasheet HTML 48Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 49Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 50Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 51Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 52Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 53Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 54Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 55Page - fujitsu semiconductor MB90F548GPF Datasheet HTML 56Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
MB90540/540G/545/545G Series
52
(8) Hold Timing
(MB90F543/F549 : VCC
= 4.5 V to 5.5 V, VSS = 0.0 V, TA = −40 °C to +85 °C)
(MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
= 3.5 V to 5.5 V, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(Other than MB90F543/F549/543G(S)/547G(S)/548G(S)/F548GL(S):
VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
Note : There is more than 1 cycle from the time HRQ is read to the time the HAK is changed.
(9) UART0/1, Serial I/O Timing
(MB90F543/F549 : VCC
= 4.5 V to 5.5 V, VSS = 0.0 V, TA = −40 °C to +85 °C)
(MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
= 3.5 V to 5.5 V, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(Other than MB90F543/F549/543G(S)/547G(S)/548G(S)/F548GL(S):
VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
Note :
• AC characteristic in CLK synchronized mode.
• CL is load capacity value of pins when testing.
• For tCP (Machine clock cycle time) , refer to “ (1) Clock Timing”.
Parameter
Symbol
Pin name
Condition
Value
Units
Remarks
Min
Max
Pin floating
→HAK↓time
tXHAL
HAK
30
tCP
ns
HAK
↑time→Pin valid time
tHAHV
HAK
tCP
2 tCP
ns
Parameter
Symbol
Pin name
Condition
Value
Units Remarks
Min
Max
Serial clock cycle time
tSCYC
SCK0 to SCK2
Internal clock opera-
tion output pins are
CL
= 80 pF + 1 TTL.
8 tCP
ns
SCK
↓→SOT delay time
tSLOV
SCK0 to SCK2,
SOT0 to SOT2
−80
80
ns
Valid SIN
→SCK↑
tIVSH
SCK0 to SCK2,
SIN0 to SIN2
100
ns
SCK
↑→Valid SIN hold time
tSHIX
SCK0 to SCK2,
SIN0 to SIN2
60
ns
Serial clock “H” pulse width
tSHSL
SCK0 to SCK2
External clock oper-
ation output pins are
CL
= 80 pF + 1 TTL.
4 tCP
ns
Serial clock “L” pulse width
tSLSH
SCK0 to SCK2
4 tCP
ns
SCK
↓→SOT delay time
tSLOV
SCK0 to SCK2,
SOT0 to SOT2
150
ns
Valid SIN
→SCK↑
tIVSH
SCK0 to SCK2,
SIN0 to SIN2
60
ns
SCK
↑→Valid SIN hold time
tSHIX
SCK0 to SCK2,
SIN0 to SIN2
60
ns
HAK
tXHAL
tHAHV
2.4 V
0.8 V
2.4 V
2.4 V
0.8 V
0.8 V
Each pin
High impedance
• Hold Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com