전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99DZ120 데이터시트(PDF) 59 Page - STMicroelectronics

부품명 L99DZ120
상세설명  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 데이터시트(HTML) 59 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 55Page - STMicroelectronics L99DZ120 Datasheet HTML 56Page - STMicroelectronics L99DZ120 Datasheet HTML 57Page - STMicroelectronics L99DZ120 Datasheet HTML 58Page - STMicroelectronics L99DZ120 Datasheet HTML 59Page - STMicroelectronics L99DZ120 Datasheet HTML 60Page - STMicroelectronics L99DZ120 Datasheet HTML 61Page - STMicroelectronics L99DZ120 Datasheet HTML 62Page - STMicroelectronics L99DZ120 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 162 page
background image
DocID029145 Rev 4
59/162
L99DZ120
Application information
161
4
Application information
4.1
Supply VS, VSREG
VSREG supplies voltage regulators V1 and V2, all internal regulated voltages for analog and
digital functionality, LIN and both P-channel high-side switches OUT15 and OUT_HS.
All other high-sides, Fail Safe block and the charge pump are supplied by VS.
In case the VSREG pin is disconnected, all power outputs connected to VS are automatically
switched off.
4.2
Voltage regulators
The device contains two independent and fully protected low drop voltage regulators
designed for very fast transient response and do not require electrolytic output capacitors
for stability.
The output voltage is stable with ceramic load capacitors >220 nF.
4.2.1
Voltage regulator: V1
The V1 voltage regulator provides 5 V supply voltage and up to 250 mA continuous load
current to supply the system microcontroller. The V1 regulator is embedded in the power
management and fail-safe functionality of the device and operates according to the selected
operating mode. The V1 voltage regulator is supplied by pin VSREG.
In addition, the V1 regulator supplies the devices internal loads. The voltage regulator is
protected against overload and overtemperature. An external reverse current protection has
to be provided by the application circuitry to prevent the input capacitor from being
discharged by negative transients or low input voltage. Current limitation of the regulator
ensures fast charge of external bypass capacitors. The output voltage is stable for ceramic
load capacitors >220 nF.
In case the device temperature exceeds the TSD1 threshold (either cluster or grouped
mode) the V1 regulator remains on. The micro controller has the possibility for interaction or
error logging. If the chip temperature exceeds the TSD2 threshold (TSD2 > TSD1), V1 will
be deactivated and all wakeup sources (LIN, WU and Timer) are disabled. After tTSD, the
voltage regulator will restart automatically. If the restart fails 7 times within one minute the
devices enter the Forced Vbat_standby mode. The status bit
FORCED_SLEEP_TSD2/V1SC (SR1) is set.
4.2.2
Voltage regulator: V2
The voltage regulator V2 is supplied by pin VSREG and can supply additional 5 V loads such
as sensors or potentiometers. The maximum continuous load current is 50 mA. The
regulator is protected against:
Overload
Overtemperature
Short-circuit (short to ground and battery supply voltage)
Reverse biasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com