전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99DZ120 데이터시트(PDF) 95 Page - STMicroelectronics

부품명 L99DZ120
상세설명  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 데이터시트(HTML) 95 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 91Page - STMicroelectronics L99DZ120 Datasheet HTML 92Page - STMicroelectronics L99DZ120 Datasheet HTML 93Page - STMicroelectronics L99DZ120 Datasheet HTML 94Page - STMicroelectronics L99DZ120 Datasheet HTML 95Page - STMicroelectronics L99DZ120 Datasheet HTML 96Page - STMicroelectronics L99DZ120 Datasheet HTML 97Page - STMicroelectronics L99DZ120 Datasheet HTML 98Page - STMicroelectronics L99DZ120 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 162 page
background image
DocID029145 Rev 4
95/162
L99DZ120
Application information
161
4.32
VS compensation (duty cycle adjustment) module
All stand-alone HS outputs can be programmed to calculate some internal duty cycle
adjustment to adapt the duty cycle to a changing supply voltage at VS. This feature is aimed
to avoid LED brightness flickering in case of alternating supply voltage. The correction of the
duty cycle is based on the following formula:
Equation 1: Duty cycle correction
Vth = Duty cycle reference voltage: defined as 10 V
VBat = Reference voltage: defined as voltage at pin VS
VLED = Voltage drop on the external LED
DCnom = Nominal Duty Cycle programmed by SPI< PWMx DCx>
To be compatible to different LED load characteristics the value for VLED can be
programmed for each output by a dedicated control register OUT7_VLED …
OUT_HS_VLED (CR 18 to CR 22). Auto compensation features can be activated for all HS
outputs each by setting OUTx_AUTOCOMP_EN (CR 18 to CR 22).
The programmed LED voltage (OUTx_V_LED (CR18 to CR22)) must be lower than Vth
(10 V).
Figure 47. Block diagram VS compensation (duty cycle adjustment) module
Table 51. Thermal cluster definition
Th_CL1
Th_CL2
Th_CL3
Th_CL4
Th_CL5
Th_CL6
5 W Driver +
OUT15
Door lock +
OUT_HS
OUT1 + OUT6
10W driver high
ohmic channels
VREG 1
VREG 2
Global
TW & TSD1 Both
digitally managed
TW & TSD1 Both
digitally managed
TW & TSD1 Both
digitally managed
TW & TSD1 Both
digitally managed
TW digitally
managed
TSD1 & TSD2
Both analog
managed
TW digitally
managed
TSD1 Analog
managed
DutyCycle
Vth VLED
–
VBat VLED
–
--------------------------------- DCnom
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com