전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99DZ120 데이터시트(PDF) 63 Page - STMicroelectronics

부품명 L99DZ120
상세설명  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 데이터시트(HTML) 63 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 59Page - STMicroelectronics L99DZ120 Datasheet HTML 60Page - STMicroelectronics L99DZ120 Datasheet HTML 61Page - STMicroelectronics L99DZ120 Datasheet HTML 62Page - STMicroelectronics L99DZ120 Datasheet HTML 63Page - STMicroelectronics L99DZ120 Datasheet HTML 64Page - STMicroelectronics L99DZ120 Datasheet HTML 65Page - STMicroelectronics L99DZ120 Datasheet HTML 66Page - STMicroelectronics L99DZ120 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 162 page
background image
DocID029145 Rev 4
63/162
L99DZ120
Application information
161
4.3.5
Interrupt
Figure 23. NINT pins
RxDL/NINT indicates:
a wake-up event from V1_standby mode and the programmable timer interrupt
RxDL/NINT pin is pulled low for t = tinterrupt.
NINT indicates:
In Active mode:
VSREG dropped below the programmed early warning threshold in Control Register 3
(VSREG < VSREG_EW_TH); feature is deactivated if VSREG_EW_TH is set to 0 V.
In V1_standby mode
–
Programmable timer interrupt; An NINT pulse is generated at the beginning of the
timer on-time (Timer 1 or Timer2)
–
Wake-up from V1_standby mode by any wake-up source
NINT is pulled low for t = tinterrupt
In case of increasing V1 load current during V1_standby mode (IV1 > Icmp_ris), the device
remains in standby mode and the watchdog starts with a Long Open Window. No Interrupt
signal is generated.
4.3.6
VBAT_standby mode
The transition from Active mode to Vbat_standby mode is initiated by an SPI command. In
Vbat_standby mode, the voltage regulators V1 and V2 (depending on configuration in
CR 1), the power outputs (except OUT15 and OUT_HS) as well as LIN transmitter are
switched off.
An NReset pulse is generated upon wake-up from Vbat_standby mode.
4.4
Wake-up from Standby modes
A wake-up from standby mode will switch the device to Active mode. This can be initiated by
one or more of the following events:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com