전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99DZ120 데이터시트(PDF) 79 Page - STMicroelectronics

부품명 L99DZ120
상세설명  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 데이터시트(HTML) 79 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 75Page - STMicroelectronics L99DZ120 Datasheet HTML 76Page - STMicroelectronics L99DZ120 Datasheet HTML 77Page - STMicroelectronics L99DZ120 Datasheet HTML 78Page - STMicroelectronics L99DZ120 Datasheet HTML 79Page - STMicroelectronics L99DZ120 Datasheet HTML 80Page - STMicroelectronics L99DZ120 Datasheet HTML 81Page - STMicroelectronics L99DZ120 Datasheet HTML 82Page - STMicroelectronics L99DZ120 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 162 page
background image
DocID029145 Rev 4
79/162
L99DZ120
Application information
161
4.14
Auto-recovery alert and thermal expiration
The thermal expiration feature provides a robust protection against possible microcontroller
malfunction, switching off a given channel if continuously driven in auto-recovery. If the
temperature of the related cluster increases by more than 30 °C after reaching the auto-
recovery time tAR, the channel is switched off. The thermal expiration status bit
OUTx_TH_EX (SR 3) is set.
During auto-recovery condition, OUTx_OCR_ALERT (SR 4) is set. The Alert bit indicates
that an overload condition (load in-rush, short-circuit, etc) is present.
The thermal expiration feature is controlled by SPI (OUTx_OCR_THX_EN (CR 8).
Table 48. Power output settings
OUTx_3 OUTx_2
OUTx_1
OUTx_0
Description
00
0
0
OFF
00
0
1
ON
00
1
0
Timer1 output is controlled by timer1; starting with ON
phase after timer restart
00
1
1
Timer2 output is controlled by timer2; starting with ON
phase after timer restart
01
0
0
PWM1
01
0
1
PWM2
01
1
0
PWM3
01
1
1
PWM4
10
0
0
PWM5
10
0
1
PWM6
10
1
0
PWM7
10
1
1
PWM8
11
0
0
PWM9
11
0
1
PWM10
11
1
0
DIR1
11
1
1
DIR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com