전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99DZ120 데이터시트(PDF) 48 Page - STMicroelectronics

부품명 L99DZ120
상세설명  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 데이터시트(HTML) 48 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 44Page - STMicroelectronics L99DZ120 Datasheet HTML 45Page - STMicroelectronics L99DZ120 Datasheet HTML 46Page - STMicroelectronics L99DZ120 Datasheet HTML 47Page - STMicroelectronics L99DZ120 Datasheet HTML 48Page - STMicroelectronics L99DZ120 Datasheet HTML 49Page - STMicroelectronics L99DZ120 Datasheet HTML 50Page - STMicroelectronics L99DZ120 Datasheet HTML 51Page - STMicroelectronics L99DZ120 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 162 page
background image
Electrical specifications
L99DZ120
48/162
DocID029145 Rev 4
Table 28. LIN transmitter and receiver: pin LIN
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VTHdom
Receiver threshold voltage
recessive to dominant state
0.4
VSREG
0.45
VSREG
0.5
VSREG
V
VBusdom
Receiver dominant state
0.4VSRE
G
V
VTHrec
Receiver threshold voltage
dominant to recessive state
0.5
VSREG
0.55
VSREG
0.6
VSREG
V
VBusrec
Receiver recessive state
0.6
VSREG
V
VTHhys
Receiver threshold
hysteresis: VTHrec -VTHdom
0.07
VSREG
0.1
VSREG
0.175
VSREG
V
VTHcnt
Receiver tolerance center
value: (VTHrec +VTHdom)/2
0.475
VSREG
0.5
VSREG
0.525
VSREG
V
VTHwkup
Activation threshold for
wake-up comparator
1.0
1.5
2
V
VTHwkdwn
Activation threshold for
wake-up comparator
VSREG -
3.5
VSREG -
2.5
VSREG-
1.5
V
tLINBUS
LIN Bus Wake-up Dominant
Filter time
Sleep mode; edge: rec-dom
64
μs
tdom_LIN
LIN Bus Wake-up Dominant
Filter time
Sleep mode; edge: rec-dom-
rec
28
μs
ILINDomSC
Transmitter input current
limit in dominant state
VTXD = VTXDLOW;
VLIN = VBATMAX = 18 V
40
100
180
mA
Ibus_PAS_dom
Input leakage current at the
receiver incl. pull-up resistor
VTXD = VTXDHIGH; VLIN = 0 V;
VBAT = 12 V; Slave mode
-1
mA
Ibus_PAS_rec
Transmitter input current in
recessive state
In standby modes;
VTXD = VTXDHIGH; VLIN > 8 V;
VBAT < 18 V; VLIN ≥ VBAT
20
μA
Ibus_NO_GND
Input current if loss of GND
at device
GND = VSREG;
0 V < VLIN < 18 V;
VBAT = 12 V
-1
1
mA
Ibus
Input current if loss of VBAT
at device
GND = VS; 0 V < VLIN < 18 V
Tj=-40 °C ....105 °C(1)
30
μA
GND = VS; 0 V < VLIN < 18 V
Tj= 130 °C(2)
35
μA
VLINdom
LIN voltage level in
dominant state
Active mode;
VTXD = VTXDLOW; 
Rbus = 500 Ω
1.2
V
VLINrec
LIN voltage level in
recessive state
Active mode;
VTXD = VTXDHIGH;
ILIN = 10 µA
0.8*VS
V
RLINup
LIN output pull up resistor
VLIN = 0 V
20
40
60
kΩ
CLIN
LIN input capacitance
Guaranteed by design
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com