전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99DZ120 데이터시트(PDF) 30 Page - STMicroelectronics

부품명 L99DZ120
상세설명  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 데이터시트(HTML) 30 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 26Page - STMicroelectronics L99DZ120 Datasheet HTML 27Page - STMicroelectronics L99DZ120 Datasheet HTML 28Page - STMicroelectronics L99DZ120 Datasheet HTML 29Page - STMicroelectronics L99DZ120 Datasheet HTML 30Page - STMicroelectronics L99DZ120 Datasheet HTML 31Page - STMicroelectronics L99DZ120 Datasheet HTML 32Page - STMicroelectronics L99DZ120 Datasheet HTML 33Page - STMicroelectronics L99DZ120 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 162 page
background image
Electrical specifications
L99DZ120
30/162
DocID029145 Rev 4
VRT4falling
Reset threshold
voltage4
VV1 decreasing
4.1
4.3
4.5
V
VRTrising
Reset threshold
voltage4
VV1 increasing
4.67
4.8
4.87
V
VRESET
Reset Pin low output
voltage
V1 > 1 V; IRESET = 5 mA
0.2
0.4
V
RRESET
Reset pull up int.
resistor
10
20
30
kΩ
tRR
Reset reaction time
ILOAD = 1 mA
6
40
µs
tUV1
V1 undervoltage
filter time
16
µs
tV1R
Reset pulse duration
(V1 undervoltage
and V1 power on
reset)
1.5
2.0
2.5
ms
tWDR
Reset pulse duration
(watchdog failure)
34
5
ms
Table 11. Reset output (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com