| 전자부품 데이터시트 검색엔진 |
|
L99DZ120 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ120 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 162 page ![]() This is information on a product in full production. November 2016 DocID029145 Rev 4 1/162 L99DZ120 Automotive door actuator driver with embedded LIN Datasheet - production data Features AEC-Q100 qualified 1 half bridge for 7.5 A load (RON = 100 mΩ) 1 half bridge for 7.5 A load (RON = 150 mΩ) 2 half bridges for 3 A load (RON = 300 mΩ) 1 configurable high-side driver for up to 1.5 A (RON = 500 mΩ) or 0.35 A (RON = 1600 mΩ) load 1 configurable high-side driver for 0.8 A (RON = 800 mΩ) or 0.35 A (RON = 1600 mΩ) load 3 configurable high-side drivers for 0.15 A/0.35 A (RON =2 Ω) 1 configurable high-side driver for 0.25 A/0.5 A (RON = 2 Ω) 4 configurable high-side drivers for 0.15 A/0.25 A (RON = 5 Ω) Internal 10bit PWM timer for each stand-alone high-side driver Buffered supply for voltage regulators and 2 high-side drivers (OUT15 & OUT_HS / both P-channel) to supply e.g. external contacts Programmable soft-start function to drive loads with higher inrush currents as current limitation value (for OUT1-6, OUT7, OUT8 and OUT_HS) with thermal expiration feature All the embedded outputs come with protection and supervision features: – Current Monitor (high-side only) – Open-load – Overcurrent – Thermal warning – Thermal shutdown Fully protected driver for external MOSFETs in H-bridge configuration Two 5 V voltage regulators for microcontroller and peripheral supply Programmable reset generator for power-on and undervoltage Configurable window watchdog LIN 2.2a compliant (SAEJ2602 compatible) transceiver Separated (Isolated) fail-safe block with 2 LS (RON = 1 Ω) to pull down the gates of the external HS MOSFETs Thermal clusters A/D conversion of supply voltages and internal temperature sensors Embedded and programmable VS duty cycle adjustment for LED driver outputs Applications Door zone applications. www.st.com |
유사한 부품 번호 - L99DZ120 |
|
유사한 설명 - L99DZ120 |