전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XRT75VL00D 데이터시트(PDF) 47 Page - Exar Corporation

부품명 XRT75VL00D
상세설명  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D 데이터시트(HTML) 47 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 43Page - Exar Corporation XRT75VL00D Datasheet HTML 44Page - Exar Corporation XRT75VL00D Datasheet HTML 45Page - Exar Corporation XRT75VL00D Datasheet HTML 46Page - Exar Corporation XRT75VL00D Datasheet HTML 47Page - Exar Corporation XRT75VL00D Datasheet HTML 48Page - Exar Corporation XRT75VL00D Datasheet HTML 49Page - Exar Corporation XRT75VL00D Datasheet HTML 50Page - Exar Corporation XRT75VL00D Datasheet HTML 51Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
42
0x31
Reset
Upon
Read
D[7:0]
PRBSlsb
PRBS error counter LSB [7:0]
0x32-
0x37
Reserved
0x38
Read
Only
D[7:0]
PRBShold
PRBS Holding Register
0x39-
0x3D
Reserved
0x3E
Read
Only
D[7:0]
Chip_id
This read only register contains device id.
01010001
0x3F
Read
Only
D[7:0]
Chip_version This read only register contains chip version number
00000001
ADDRESS
(HEX)
TYPE
BIT
LOCATION
SYMBOL
DESCRIPTION
DEFAULT
VALUE(BIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92