전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XRT75VL00D 데이터시트(PDF) 53 Page - Exar Corporation

부품명 XRT75VL00D
상세설명  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D 데이터시트(HTML) 53 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 49Page - Exar Corporation XRT75VL00D Datasheet HTML 50Page - Exar Corporation XRT75VL00D Datasheet HTML 51Page - Exar Corporation XRT75VL00D Datasheet HTML 52Page - Exar Corporation XRT75VL00D Datasheet HTML 53Page - Exar Corporation XRT75VL00D Datasheet HTML 54Page - Exar Corporation XRT75VL00D Datasheet HTML 55Page - Exar Corporation XRT75VL00D Datasheet HTML 56Page - Exar Corporation XRT75VL00D Datasheet HTML 57Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
48
this SDH signal arrives at the remote PTE, this DS3 or E3 signal will then be extracted from the SDH signal,
and will be output to some other DS3/E3 Terminal Equipment for further processing.
Figure 30 presents an illustration of this approach to transporting DS3 data over a SONET Network
As mentioned above a DS3 or E3 signal will be asynchronously mapped into a SONET or SDH signal and then
transported over the SONET or SDH network. At the remote PTE this DS3 or E3 signal will be extracted (or
de-mapped) from this SONET or SDH signal, where it will then be routed to DS3 or E3 terminal equipment for
further processing.
In order to insure that this "de-mapped" DS3 or E3 signal can be routed to any industry-standard DS3 or E3
terminal equipment, without any complications or adverse effect on the network, the Telcordia and ITU-T
standard committees have specified some limits on both the Intrinsic Jitter and Wander that may exist within
these DS3 or E3 signals as they are de-mapped from SONET/SDH. As a consequence, all PTEs that maps
and de-mapped DS3/E3 signals into/from SONET/SDH must be designed such that the DS3 or E3 data that is
de-mapped from SONET/SDH by these PTEs must meet these Intrinsic Jitter and Wander requirements.
As mentioned above, the LIU can assist the System Designer (of SONET/SDH PTE) by ensuring that their
design will meet these Intrinsic Jitter and Wander requirements.
This section of the data sheet will present the following information to the user.
• Some background information on Mapping DS3/E3 signals into SONET/SDH and de-mapping DS3/E3
signals from SONET/SDH.
• A brief discussion on the causes of jitter and wander within a DS3 or E3 signal that mapped into a SONET/
SDH signal, and is transported across the SONET/SDH Network.
• A brief review of these Intrinsic Jitter and Wander requirements in both SONET and SDH applications.
• A brief review on the Intrinsic Jitter and Wander measurement results (of a de-mapped DS3 or E3 signal)
whenever the LIU device is used in a system design.
• A detailed discussion on how to design with and configure the LIU device such that the end-system will meet
these Intrinsic Jitter and Wander requirements.
FIGURE 30. A SIMPLE ILLUSTRATION OF A DS3 SIGNAL BEING MAPPED INTO AND TRANSPORTED OVER THE SONET
NETWORK
PTE
PTE
PTE
PTE
SONET
Network
DS3 Data
DS3 Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92