전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 190 Page - NXP Semiconductors

부품명 HCS08
상세설명  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 데이터시트(HTML) 190 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 186Page - NXP Semiconductors HCS08 Datasheet HTML 187Page - NXP Semiconductors HCS08 Datasheet HTML 188Page - NXP Semiconductors HCS08 Datasheet HTML 189Page - NXP Semiconductors HCS08 Datasheet HTML 190Page - NXP Semiconductors HCS08 Datasheet HTML 191Page - NXP Semiconductors HCS08 Datasheet HTML 192Page - NXP Semiconductors HCS08 Datasheet HTML 193Page - NXP Semiconductors HCS08 Datasheet HTML 194Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 374 page
background image
Multi-Purpose Clock Generator (S08MCGV1)
MC9S08JM60 Series Data Sheet, Rev. 5
190
Freescale Semiconductor
12.4
Functional Description
12.4.1
Operational Modes
Figure 12-8. Clock Switching Modes
The nine states of the MCG are shown as a state diagram and are described below. The arrows indicate the
allowed movements between the states.
12.4.1.1
FLL Engaged Internal (FEI)
FLL engaged internal (FEI) is the default mode of operation and is entered when all the following
conditions occur:
•
CLKS bits are written to 00
•
IREFS bit is written to 1
•
PLLS bit is written to 0
•
RDIV bits are written to 000. Since the internal reference clock frequency should already be in the
range of 31.25 kHz to 39.0625 kHz after it is trimmed, no further frequency divide is necessary.
Entered from any state
when MCU enters stop
Returns to state that was active
before MCU entered stop, unless
RESET occurs while in stop.
Stop
PLL Bypassed
External (PBE)
PLL Engaged
External (PEE)
FLL Engaged
External (FEE)
FLL Engaged
Internal (FEI)
FLL Bypassed
External (FBE)
FLL Bypassed
Internal (FBI)
IREFS=1
CLKS=00
PLLS=0
IREFS=0
CLKS=00
PLLS=0
IREFS=1
CLKS=01
PLLS=0
IREFS=0
CLKS=10
PLLS=0
IREFS=0
CLKS=00
PLLS=1
IREFS=0
CLKS=10
PLLS=1
IREFS=0
CLKS=10
BDM Disabled
and LP=1
IREFS=1
CLKS=01
BDM Disabled
and LP=1
Bypassed
Low Power
Internal (BLPI)
Bypassed
Low Power
External (BLPE)
BDM Enabled
or LP=0
BDM Enabled
or LP=0
BDM Enabled
or LP=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com