| 전자부품 데이터시트 검색엔진 |
|
IMX6SDLCEC 데이터시트(PDF) 150 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX6SDLCEC 데이터시트(HTML) 150 Page - NXP Semiconductors |
|
150 / 169 page ![]() i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018 150 NXP Semiconductors Package Information and Contact Assignments HDMI_D1P J4 HDMI — — HDMI_TX_DATA1_P — — HDMI_D2M K3 HDMI — — HDMI_TX_DATA2_N — — HDMI_D2P K4 HDMI — — HDMI_TX_DATA2_P — — HDMI_HPD K1 HDMI — — HDMI_TX_HPD — — JTAG_MOD H6 NVCC_JTAG GPIO ALT0 JTAG_MODE Input 100 k Ω pull-up JTAG_TCK H5 NVCC_JTAG GPIO ALT0 JTAG_TCK Input 47 k Ω pull-up JTAG_TDI G5 NVCC_JTAG GPIO ALT0 JTAG_TDI Input 47 k Ω pull-up JTAG_TDO G6 NVCC_JTAG GPIO ALT0 JTAG_TDO Output Low JTAG_TMS C3 NVCC_JTAG GPIO ALT0 JTAG_TMS Input 47 k Ω pull-up JTAG_TRSTB C2 NVCC_JTAG GPIO ALT0 JTAG_TRSTB Input 47 k Ω pull-up KEY_COL0 W5 NVCC_GPIO GPIO ALT5 GPIO4_IO06 Input 100 k Ω pull-up KEY_COL1 U7 NVCC_GPIO GPIO ALT5 GPIO4_IO08 Input 100 k Ω pull-up KEY_COL2 W6 NVCC_GPIO GPIO ALT5 GPIO4_IO10 Input 100 k Ω pull-up KEY_COL3 U5 NVCC_GPIO GPIO ALT5 GPIO4_IO12 Input 100 k Ω pull-up KEY_COL4 T6 NVCC_GPIO GPIO ALT5 GPIO4_IO14 Input 100 k Ω pull-up KEY_ROW0 V6 NVCC_GPIO GPIO ALT5 GPIO4_IO07 Input 100 k Ω pull-up KEY_ROW1 U6 NVCC_GPIO GPIO ALT5 GPIO4_IO09 Input 100 k Ω pull-up KEY_ROW2 W4 NVCC_GPIO GPIO ALT5 GPIO4_IO11 Input 100 k Ω pull-up KEY_ROW3 T7 NVCC_GPIO GPIO ALT5 GPIO4_IO13 Input 100 k Ω pull-up KEY_ROW4 V5 NVCC_GPIO GPIO ALT5 GPIO4_IO15 Input 100 k Ω pull-down LVDS0_CLK_N V4 NVCC_LVDS2P5 — — LVDS0_CLK_N — — LVDS0_CLK_P V3 NVCC_LVDS2P5 — ALT0 LVDS0_CLK_P Input Keeper LVDS0_TX0_N U2 NVCC_LVDS2P5 — — LVDS0_TX0_N — — LVDS0_TX0_P U1 NVCC_LVDS2P5 — ALT0 LVDS0_TX0_P Input Keeper LVDS0_TX1_N U4 NVCC_LVDS2P5 — — LVDS0_TX1_N — — LVDS0_TX1_P U3 NVCC_LVDS2P5 — ALT0 LVDS0_TX1_P Input Keeper LVDS0_TX2_N V2 NVCC_LVDS2P5 — — LVDS0_TX2_N — — LVDS0_TX2_P V1 NVCC_LVDS2P5 — ALT0 LVDS0_TX2_P Input Keeper LVDS0_TX3_N W2 NVCC_LVDS2P5 — — LVDS0_TX3_N — — LVDS0_TX3_P W1 NVCC_LVDS2P5 — ALT0 LVDS0_TX3_P Input Keeper LVDS1_CLK_N Y3 NVCC_LVDS2P5 — — LVDS1_CLK_N — — LVDS1_CLK_P Y4 NVCC_LVDS2P5 — ALT0 LVDS1_CLK_P Input Keeper LVDS1_TX0_N Y1 NVCC_LVDS2P5 — — LVDS1_TX0_N — — LVDS1_TX0_P Y2 NVCC_LVDS2P5 — ALT0 LVDS1_TX0_P Input Keeper LVDS1_TX1_N AA2 NVCC_LVDS2P5 — — LVDS1_TX1_N — — LVDS1_TX1_P AA1 NVCC_LVDS2P5 — ALT0 LVDS1_TX1_P Input Keeper Table 97. 21 x 21 mm Functional Contact Assignments (continued) Ball Name Ball Power Group Ball Type Out of Reset Condition1 Default Mode (Reset Mode) Default Function Input/ Output Value2 |