전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS08 데이터시트(PDF) 130 Page - NXP Semiconductors

부품명 HCS08
상세설명  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 데이터시트(HTML) 130 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 126Page - NXP Semiconductors HCS08 Datasheet HTML 127Page - NXP Semiconductors HCS08 Datasheet HTML 128Page - NXP Semiconductors HCS08 Datasheet HTML 129Page - NXP Semiconductors HCS08 Datasheet HTML 130Page - NXP Semiconductors HCS08 Datasheet HTML 131Page - NXP Semiconductors HCS08 Datasheet HTML 132Page - NXP Semiconductors HCS08 Datasheet HTML 133Page - NXP Semiconductors HCS08 Datasheet HTML 134Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 316 page
background image
Analog-to-Digital Converter (S08ADCV1)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
130
Freescale Semiconductor
76
54
3
2
10
R
ADLPC
ADIV
ADLSMP
MODE
ADICLK
W
Reset:
00
00
0
0
00
Figure 9-10. Configuration Register (ADCCFG)
Table 9-5. ADCCFG Register Field Descriptions
Field
Description
7
ADLPC
Low Power Configuration — ADLPC controls the speed and power configuration of the successive
approximation converter. This is used to optimize power consumption when higher sample rates are not required.
0 High speed configuration
1 Low power configuration: {FC31}The power is reduced at the expense of maximum clock speed.
6:5
ADIV
Clock Divide Select — ADIV select the divide ratio used by the ADC to generate the internal clock ADCK.
Table 9-6 shows the available clock configurations.
4
ADLSMP
Long Sample Time Configuration — ADLSMP selects between long and short sample time. This adjusts the
sample period to allow higher impedance inputs to be accurately sampled or to maximize conversion speed for
lower impedance inputs. Longer sample times can also be used to lower overall power consumption when
continuous conversions are enabled if high conversion rates are not required.
0 Short sample time
1 Long sample time
3:2
MODE
Conversion Mode Selection — MODE bits are used to select between 10- or 8-bit operation. See Table 9-7.
1:0
ADICLK
Input Clock Select — ADICLK bits select the input clock source to generate the internal clock ADCK. See
Table 9-8.
Table 9-6. Clock Divide Select
ADIV
Divide Ratio
Clock Rate
00
1
Input clock
01
2
Input clock
2
10
4
Input clock
4
11
8
Input clock
8
Table 9-7. Conversion Modes
MODE
Mode Description
00
8-bit conversion (N=8)
01
Reserved
10
10-bit conversion (N=10)
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com