| 전자부품 데이터시트 검색엔진 |
|
EM62100AGH 데이터시트(PDF) 48 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM62100AGH 데이터시트(HTML) 48 Page - ELAN Microelectronics Corp |
|
48 / 60 page ![]() EM62100 65 COM/132 SEG STN LCD Driver 42 • ••• Product Specification (V1.1) 09.13.2005 (This specification is subject to change without further notice) 7.2.28 Release N-line Inversion This command is used to cancel the N-Line inversion function. The N-Line inversion function is cancelled and the LCD display is set back to frame inversion status once this command is executed. RS RDB WRB D7 D6 D5 D4 D3 D2 D1 D0 Hex 0 1 0 1 0 0 0 0 1 0 0 84H 7.2.29 DC/DC Clock Frequency (Double Byte Command) This command allows adjustments on the frequency for DC/DC clock. It is a two-byte command used in pair and the DC/DC Frequency Division Set command should be issued after the DC/DC Clock Set command. 7.2.29.1 DC/DC Clock Set When this command is input, no other command except for the DC/DC Frequency Division Set command can be used. RS RDB WRB D7 D6 D5 D4 D3 D2 D1 D0 Hex 0 1 0 1 1 1 0 0 1 1 0 E6H 7.2.29.2 DC/DC Frequency Division Set This command is used to set five bits of data to the frequency division register. RS RDB WRB D7 D6 D5 D4 D3 D2 D1 D0 Hex Division 0 1 0 * * * * 0 0 0 0 00H fOSC 0 0 0 1 01H fOSC/2 0 0 1 0 02H fOSC/4 0 0 1 1 03H fOSC/6 0 1 0 0 04H fOSC/8 0 1 0 1 05H fOSC/10 0 1 1 0 06H fOSC/12 0 1 1 1 07H fOSC/14 1 0 0 0 08H fOSC/16 1 0 0 1 09H fOSC/18 1 0 1 0 0AH fOSC/20 1 0 1 1 0BH fOSC/22 1 1 0 0 0CH fOSC/24 1 1 0 1 0DH fOSC/26 1 1 1 0 0EH fOSC/28 1 1 1 1 0FH fOSC/30 |