| 전자부품 데이터시트 검색엔진 |
|
EM62100AGH 데이터시트(PDF) 50 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM62100AGH 데이터시트(HTML) 50 Page - ELAN Microelectronics Corp |
|
50 / 60 page ![]() EM62100 65 COM/132 SEG STN LCD Driver 44 • ••• Product Specification (V1.1) 09.13.2005 (This specification is subject to change without further notice) 7.3.1.2 Without instant built-in power supply circuit, after turning on the power Turn ON the V DD - VSS power, keeping the RESB pin = "L" When power is stabilized Release the reset state (RESB pin = "H") Initialized state (Default) Function setup by command input (User setup) (17) Setting the built-in resistance radio to regulate the V0 voltage (18) Electronic volume control Function setup by command input (User setup) (16) Power control setting This concludes the initialization Function setup by command input (User setup) (11) LCD bias setting ( 8) ADC selection (15) Common output state selection Power saver START (multiple commands) Power saver OFF (multiple commands) |