전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC821 데이터시트(PDF) 158 Page - NXP Semiconductors

부품명 MPC821
상세설명  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 데이터시트(HTML) 158 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 154Page - NXP Semiconductors MPC821 Datasheet HTML 155Page - NXP Semiconductors MPC821 Datasheet HTML 156Page - NXP Semiconductors MPC821 Datasheet HTML 157Page - NXP Semiconductors MPC821 Datasheet HTML 158Page - NXP Semiconductors MPC821 Datasheet HTML 159Page - NXP Semiconductors MPC821 Datasheet HTML 160Page - NXP Semiconductors MPC821 Datasheet HTML 161Page - NXP Semiconductors MPC821 Datasheet HTML 162Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
FIGURE A-1 Physical Location of jumper JG1 and JG2
NOTE: Jumper JG2 should be left unconnected.
The following figure shows the required jumper connection for each address configuration. Address
0 hex is not recommended, and its usage might cause problems.
FIGURE A-2 JG1 Configuration Options
To properly install the ADI board, position its front bottom corner in the plastic card guide channel at
the front of the IBM-PC/XT/AT chassis. Keeping the top of the ADI board level and any ribbon cables
out of the way, lower the board until its connectors are aligned with the computer expansion slot
connectors. Using evenly distributed pressure, press the ADI board straight down until it seats in the
expansion slot.
Secure the ADI board to the computer chassis using the bracket retaining screw. Refer to the
computer Installation and Setup manual for instructions on reinstalling the computer cover.
C•3
SUN-4 to MPC8XXFADS Interface
The ADI board should be installed in one of the SBus expansion slots in the Sun-4 SPARCstation
computer. A single ADI can control up to eight MPC8XXFADS boards.
JG1
JG2
0 hex
100 hex
200 hex
300 hex
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More