| 전자부품 데이터시트 검색엔진 |
|
UPD17062 데이터시트(PDF) 44 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 데이터시트(HTML) 44 Page - Renesas Technology Corp |
|
44 / 298 page ![]() 42 µPD17062 6.3 ADDRESS GENERATION FOR GENERAL-PURPOSE REGISTER AND DATA MEMORY IN INDIVIDUAL INSTRUCTIONS Table 6-1 lists the operation and transfer instructions that can be executed for the data in the general- purpose register and data memory. Consider the following instruction: ADD r, m ((r) ← (r) + (m)) Upon executing this instruction, the address of the general-purpose register is generated from the value of the general-purpose register pointer and the value specified in r, as shown in Table 6-2. Then, the contents of the general-purpose register specified by the generated address of the general-purpose register are added to the contents of the data memory location specified in m, the result being stored into the general-purpose register. The address of the general-purpose register is generated, as described above, for each of the instructions listed in Table 6-1. Table 6-1 Manipulation Instructions Executed between the General-Purpose Register and Data Memory Table 6-2 Address Generation for General-Purpose Register and Data Memory Data memory address specified in m Instruction Address Generated address Bank Row address Column address General-purpose register address specified in r ADD r, m (0000B) (BANK) (00 × × B) m (RP) r Instruction set Instruction Operation Addition ADD r, m (r) ← (r) + (m) ADDC r, m (r) ← (r) + (m) + CY Subtraction SUB r, m (r) ← (r) – (m) SUBC r, m (r) ← (r) – (m) – CY Logical operation AND r, m (r) ← (r) ∧ (m) OR r, m (r) ← (r) ∨ (m) XOR r, m (r) ← (r) ∨− (m) Transfer LD r, m (r) ← (m) ST m, r (m) ← (r) MOV @r, m if MPE = 1: (MP, (r)) ← (m) if MPE = 0: (BANK, mR, (r)) ← (m) MOV m, @r if MPE = 1: (m) ← (MP, (r)) if MPE = 0: (m) ← (BANK, mR, (r)) Shift RORC r Right shift, including a carry |