| 전자부품 데이터시트 검색엔진 |
|
UPD17062 데이터시트(PDF) 91 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 데이터시트(HTML) 91 Page - Renesas Technology Corp |
|
91 / 298 page ![]() 89 µPD17062 10.1.2 Data Buffer Structure Fig. 10-2 shows the data buffer structure. As shown in Fig. 10-2, the data buffer consists of 16 bits. Bit b0 of data memory address 0FH is the LSB, and bit b3 of data memory address 0CH bit 3 is the MSB. Fig. 10-2 Data Buffer Structure b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b15 b14 b13 b12 b11 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1 b0 0CH 0DH 0EH 0FH DBF3 DBF2 DBF1 DBF0 M S B L S B Data memory Address Bit Bit Symbol Data Data buffer Data |