| 전자부품 데이터시트 검색엔진 |
|
UPD17062 데이터시트(PDF) 220 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 데이터시트(HTML) 220 Page - Renesas Technology Corp |
|
220 / 298 page ![]() 218 µPD17062 Fig. 17-1 PWMR Structure and the Corresponding DBF Bits Fig. 17-2 Waveform Output from the PWM Pin b3 b2 b1 b0 b3 b2 b1 b0 b6 b5 b4 b3 b2 b1 b0 0 1 PWMR DBF1 (0EH) DBF0 (0FH) The PWM pin is used as a D/A converter. The PWM pin is used as a one-bit output port (through mode), which outputs the content of b5. t 64 s t = n + 0.75 ( s) (where n is a value specified in the PWMR) µ µ |