| 전자부품 데이터시트 검색엔진 |
|
UPD17062 데이터시트(PDF) 227 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 데이터시트(HTML) 227 Page - Renesas Technology Corp |
|
227 / 298 page ![]() 225 µPD17062 18.5 PHASE COMPARATOR ( φ-DET), CHARGE PUMP, AND UNLOCK DETECTION BLOCK 18.5.1 Configuration of the Phase Comparator ( φ-DET), Charge Pump, and Unlock Detection Block Fig. 18-5 shows the configuration of the phase comparator ( φ-DET), charge pump, and unlock detection block. The phase comparator compares the phase of the output frequency “fN” of the programmable divider (PD) with the reference frequency output “fr” of the reference frequency generator, and outputs the up request signal (UP) or down request signal (DW). The charge pump directs the output of the phase comparator to the error output pin (EO pin). The unlock detection block consists of a delay control circuit and unlock flip-flop (FF). It detects the unlock state of the PLL frequency synthesizer. Sections 18.5.2, 18.5.3, and 18.5.4 explain the operation of the phase comparator, charge pump, and unlock detection block, respectively. Fig. 18-5 Configuration of the Phase Comparator, Charge Pump, and Unlock Detection Block 32H 22H b3 b2 b1 b0 b3 b2 b1 b0 P L U L S E N 3 P L U L S E N 2 P L U L S E N 1 P L U L S E N 0 00 0 P L L U L Control register EO VDD P-ch N-ch UP DW fr fN Address Bit Flag symbol Unlock detection block Delay control Unlock FF Charge pump Reference frequency generator Programmable divider PLL disable signal Phase comparator ( -DET) φ |