전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AFE4490 데이터시트(PDF) 19 Page - Texas Instruments

부품명 AFE4490
상세설명  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4490 데이터시트(HTML) 19 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 15Page - Texas Instruments AFE4490 Datasheet HTML 16Page - Texas Instruments AFE4490 Datasheet HTML 17Page - Texas Instruments AFE4490 Datasheet HTML 18Page - Texas Instruments AFE4490 Datasheet HTML 19Page - Texas Instruments AFE4490 Datasheet HTML 20Page - Texas Instruments AFE4490 Datasheet HTML 21Page - Texas Instruments AFE4490 Datasheet HTML 22Page - Texas Instruments AFE4490 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 85 page
background image
1.2 V
1 V
0 V
-1 V
-1.2 V
ADC Max
(Differential)
TIA Max
(Differential)
TIA Min
(Differential)
ADC Min
(Differential)
19
AFE4404
www.ti.com
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.3.4 Analog-to-Digital Converter (ADC)
The AFE has an ADC that provides a 22-bit representation of the current from the photodiode. The ADC codes
corresponding to the various sampling phases can be read out from 24-bit registers in twos complement format.
The ADC full-scale input range is ±1.2 V and spans bits 21 to 0. The mapping of the ADC input voltage to the
ADC code is shown in Table 3.
Table 3. Mapping the ADC Input Voltage to the ADC Code
DIFFERENTIAL INPUT VOLTAGE AT ADC INPUT
24-BIT ADC OUTPUT CODE
–1.2 V
111000000000000000000000
(–1.2 / 221) V
111111111111111111111111
0
000000000000000000000000
(1.2 / 221) V
000000000000000000000001
1.2 V
000111111111111111111111
The two MSBs of the 24-bit word serve as sign-extension bits to the 22-bit ADC code and are equal to the MSB
of the 22-bit ADC code when the input to the ADC is within its full-scale range, as shown in Table 4.
Table 4. Using Sign-Extension Bits to Determine the Input Operating Voltage
BITS 23-21
INPUT STATUS
000
Positive and lower than positive full-scale (within full-scale range)
111
Negative and higher than negative full-scale (within full-scale range)
001
Positive and higher than positive full-scale (outside full-scale range)
110
Negative and lower than negative full-scale (outside full-scale range)
Noted that the TIA has an operating range of ±1 V even though the ADC input full-scale range is ±1.2 V, as
shown in Figure 27. When setting the TIA gain, ensure that the signal at the TIA output does not exceed ±1 V.
Figure 27. TIA and ADC Dynamic Ranges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com