전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AFE4490 데이터시트(PDF) 35 Page - Texas Instruments

부품명 AFE4490
상세설명  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4490 데이터시트(HTML) 35 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 31Page - Texas Instruments AFE4490 Datasheet HTML 32Page - Texas Instruments AFE4490 Datasheet HTML 33Page - Texas Instruments AFE4490 Datasheet HTML 34Page - Texas Instruments AFE4490 Datasheet HTML 35Page - Texas Instruments AFE4490 Datasheet HTML 36Page - Texas Instruments AFE4490 Datasheet HTML 37Page - Texas Instruments AFE4490 Datasheet HTML 38Page - Texas Instruments AFE4490 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 85 page
background image
AFE4404
www.ti.com
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
35
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Register Map (continued)
Table 16. Register Map(1) (continued)
ADDRESS
(Hex)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
33h
0
0
0
0
0
0
0
0
PDNCYCLEENDC
34h
0
0
0
0
0
0
0
0
PROG_TG_STC
35h
0
0
0
0
0
0
0
0
PROG_TG_ENDC
36h
0
0
0
0
0
0
0
0
LED3LEDSTC
37h
0
0
0
0
0
0
0
0
LED3LEDENDC
39h
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
CLKDIV_PRF
3Ah
0
0
0
0
I_OFFDAC_LED2
I_OFFDAC_AMB1
I_OFFDAC_LED1
I_OFFDAC_AMB2\
I_OFFDAC_LED3
3Dh
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
DEC_E
N
0
DEC_FACTOR
0
3Fh
AVG_LED2-ALED2VAL
40h
AVG_LED1-ALED1VAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com