전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AFE4490 데이터시트(PDF) 33 Page - Texas Instruments

부품명 AFE4490
상세설명  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4490 데이터시트(HTML) 33 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 29Page - Texas Instruments AFE4490 Datasheet HTML 30Page - Texas Instruments AFE4490 Datasheet HTML 31Page - Texas Instruments AFE4490 Datasheet HTML 32Page - Texas Instruments AFE4490 Datasheet HTML 33Page - Texas Instruments AFE4490 Datasheet HTML 34Page - Texas Instruments AFE4490 Datasheet HTML 35Page - Texas Instruments AFE4490 Datasheet HTML 36Page - Texas Instruments AFE4490 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
AFE4404
www.ti.com
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
33
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
After reset, all register bits are reset to 0.
8.5 Register Map
Table 16. Register Map(1)
ADDRESS
(Hex)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00h
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
01h
0
0
0
0
0
0
0
0
LED2STC
02h
0
0
0
0
0
0
0
0
LED2ENDC
03h
0
0
0
0
0
0
0
0
LED1LEDSTC
04h
0
0
0
0
0
0
0
0
LED1LEDENDC
05h
0
0
0
0
0
0
0
0
ALED2STC\LED3STC
06h
0
0
0
0
0
0
0
0
ALED2ENDC\LED3ENDC
07h
0
0
0
0
0
0
0
0
LED1STC
08h
0
0
0
0
0
0
0
0
LED1ENDC
09h
0
0
0
0
0
0
0
0
LED2LEDSTC
0Ah
0
0
0
0
0
0
0
0
LED2LEDENDC
0Bh
0
0
0
0
0
0
0
0
ALED1STC
0Ch
0
0
0
0
0
0
0
0
ALED1ENDC
0Dh
0
0
0
0
0
0
0
0
LED2CONVST
0Eh
0
0
0
0
0
0
0
0
LED2CONVEND
0Fh
0
0
0
0
0
0
0
0
ALED2CONVST\LED3CONVST
10h
0
0
0
0
0
0
0
0
ALED2CONVEND\LED3CONVEND
11h
0
0
0
0
0
0
0
0
LED1CONVST
12h
0
0
0
0
0
0
0
0
LED1CONVEND
13h
0
0
0
0
0
0
0
0
ALED1CONVST
14h
0
0
0
0
0
0
0
0
ALED1CONVEND
15h
0
0
0
0
0
0
0
0
ADCRSTSTCT0
16h
0
0
0
0
0
0
0
0
ADCRSTENDCT0
17h
0
0
0
0
0
0
0
0
ADCRSTSTCT1
18h
0
0
0
0
0
0
0
0
ADCRSTENDCT1
19h
0
0
0
0
0
0
0
0
ADCRSTSTCT2
1Ah
0
0
0
0
0
0
0
0
ADCRSTENDCT2
1Bh
0
0
0
0
0
0
0
0
ADCRSTSTCT3
1Ch
0
0
0
0
0
0
0
0
ADCRSTENDCT3
1Dh
0
0
0
0
0
0
0
0
PRPCT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com