| 전자부품 데이터시트 검색엔진 |
|
IMX93CEC 데이터시트(PDF) 67 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX93CEC 데이터시트(HTML) 67 Page - NXP Semiconductors |
|
67 / 123 page ![]() MSB IN BIT 6 . . . 1 Peripheral MSB Peripheral LSB OUT SEE NOTE see note (INPUT) (CPOL=0) SCK SCK (CPOL=1) PCS (INPUT) (INPUT) SOUT (INPUT) SIN (OUTPUT) LSB IN BIT 6 . . . 1 NOTE: Not defined tSCK tLead tW SCK tW SCK tLag ta tSU tHI tv tdis tHO tHO tRI/FI tRI/FI tRO/FO tRO/FO Figure 37. LPSPI Peripheral mode timing (CPHA = 0) MSB IN BIT 6 . . . 1 Peripheral LSB OUT Peripheral MSB OUT see note (INPUT) (CPOL=0) SCK SCK (CPOL=1) PCS (INPUT) (INPUT) SOUT (INPUT) SIN (OUTPUT) LSB IN BIT 6 . . . 1 NOTE: Not defined tSCK tLead tLag tW SCK tW SCK tSU tHI ta tdis tv tHO tRI/FI tRI/FI tRO/FO tRO/FO Figure 38. LPSPI Peripheral mode timing (CPHA = 1) 4.12.5 LPI2C timing parameters LPI2C is a low-power Inter-Integrated Circuit (I2C) module that supports an efficient interface to an I2C bus as a controller and/or as a target. Table 71. LPI2C module timing parameters[1] Symbol Description Min Max Unit Notes fSCL SCL clock frequency Standard mode (Sm) 0 100 kHz [2] Fast mode (Fm) 0 400 Table continues on the next page... NXP Semiconductors IMX93CEC i.MX 93 Applications Processors Data Sheet for Commercial Products IMX93CEC All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 7 — 12 February 2026 Document feedback 67 / 123 |