전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IMX93CEC 데이터시트(PDF) 85 Page - NXP Semiconductors

부품명 IMX93CEC
상세설명  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC 데이터시트(HTML) 85 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 81Page - NXP Semiconductors IMX93CEC Datasheet HTML 82Page - NXP Semiconductors IMX93CEC Datasheet HTML 83Page - NXP Semiconductors IMX93CEC Datasheet HTML 84Page - NXP Semiconductors IMX93CEC Datasheet HTML 85Page - NXP Semiconductors IMX93CEC Datasheet HTML 86Page - NXP Semiconductors IMX93CEC Datasheet HTML 87Page - NXP Semiconductors IMX93CEC Datasheet HTML 88Page - NXP Semiconductors IMX93CEC Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 123 page
background image
6.1.2 11 x 11 mm supplies contact assignments and functional contact assignments
Table 101 shows the device connection list for ground, sense, and reference contact signals.
Table 101. 11 x 11 mm supplies contact assignment
Supply Rail Name
Ball(s) Position(s)
Remark
NVCC_AON
L16
—
NVCC_BBSM_1P8
G12
—
NVCC_GPIO
N15, N16
—
NVCC_SD2
R16
—
NVCC_WAKEUP
R10, R12, W8
—
VDD_ANA_0P8
J15, J16, R14
—
VDD_ANA0_1P8
F16, G16
—
VDD_ANA1_1P8
R8
—
VDD_ANAVDET_1P8
L15
—
VDD_BBSM_0P8_CAP
G14
—
VDD_LVDS_1P8
F6
—
VDD_MIPI_0P8
G8
—
VDD_MIPI_1P8
F8
—
VDD_SOC
J9, J10, J11, J12, J13, K9, K10, K12, K13, M9, M10, M12, M13, N9, N10,
N11, N12, N13
—
VDD_USB_0P8
F10
—
VDD_USB_1P8
E8
—
VDD_USB_3P3
G10
—
VDD2_DDR
L7, N6, N7, R6, T6
—
VDDQ_DDR
G6, J6, J7, L6
—
VSS
A1, A21, C2, C4, C6, C8, C10, C12, C14, C16, C18, E3, E19, G3, G19,
H8, H10, H12, H14, J3, J5, J8, J14, J19, K11, L1, L3, L5, L8, L14, L19,
M11, N3, N5, N8, N14, N19, P8, P10, P12, P14, R3, R19, T1, U3, U19,
W4, W6, W10, W12, W14, W16, W18, AA1, AA21
—
Table 102 shows an alpha-sorted list of functional contact assignments of the 11 x 11 mm package.
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
85 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More